Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

323915 Datasheet (PDF) - TE Connectivity Ltd

323915 Datasheet PDF - TE Connectivity Ltd
Part # 323915
Download  323915 Download
File Size   6055.55 Kbytes
Page   12 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PIDG TERMINALS & SPLICES

323915 Datasheet (PDF)

Go To PDF Page Download Datasheet
323915 Datasheet PDF - TE Connectivity Ltd

Part # 323915
Download  323915 Click to download

File Size   6055.55 Kbytes
Page   12 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description PIDG TERMINALS & SPLICES

323915 Datasheet (HTML) - TE Connectivity Ltd


323915 Product details

FEATURES AND BENEFITS
• Made of high conductivity copper; tin-plated for optimal corrosion protection
• Copper sleeve for vibration resistance and improved wire insulation support
• Body has inner serrations for maximum electrical contact and tensile strength
• Insulation sleeves are color-coded by wire size to the corresponding TE Connectivity (TE) tooling for easy identification and termination
• Readily available at distributors in small packages or bulk quantities
• UL/CSA listed and Mil-Spec approved
• Operating temperature 105°C; operating voltage 300V

PRODUCT APPLICATIONS
• Instruments/Control
• Lighting
• Power Supplies
• Panel Boxes
• Transportation
• Lifting equipment
• Motors
• Aerospace
• Appliances




Similar Part No. - 323915

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
323915 MACOM-323915 Datasheet
53Kb / 1P
WIRE TERMINAL PIDG - RING TONGUE WIRE SIZE: 26-22
323915 MACOM-323915 Datasheet
258Kb / 30P
Standard Terminals and Splices
More results


Similar Description - 323915

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
Analog Intergrations Co...
50838 AIC-50838 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
logo
Tyco Electronics
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com