Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IOD003V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IOD003V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IOD003V1
Download  STEVAL-IOD003V1 Download
File Size   3247.34 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo

STEVAL-IOD003V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IOD003V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IOD003V1
Download  STEVAL-IOD003V1 Click to download

File Size   3247.34 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo

STEVAL-IOD003V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IOD003V1 Product details

Features
• L6362A IO-Link device transceiver main characteristics:
– IO-Link PHY layer
– Dedicated overload diagnostics pin
– UART interface
– Selectable 12 mA 3.3 V or 10 mA 5.0 V linear regulator
– Overload and overheating protections with non-dissipative cut-off function
– Full reverse polarity on IO-Link interface pins
– EMC protections (as per IO-Link v1.1)
– Surge protection (as per IEC 60947-5-2)
– DFN-12L (3x3x0.9 mm) package
• 6.5 to 35 V operating voltage range
• On-board 100 mA 12 V linear regulator (L78L)
• LEDs for status and diagnostics
• Ground and VCC wire break protections
• Compatible with STM32 Nucleo boards
• Equipped with Arduino UNO R3 connectors
• RoHS and China RoHS compliant

Description
The STEVAL-IOD003V1 evaluation board is based on the L6362A IO-Link PHY device with full integrated EMC protection (according to IO-Link v1.1 specification) and surge protection (according to IEC 60947-5-2). It provides an affordable and easy-to-use solution for the development of IO-Link and SIO applications, letting you easily evaluate the communication features and robustness of the L6362A.
The on-board linear regulators (12 mA-3.3 V from L6362A and 100 mA-12 V from L78L12ABUTR) can be used to supply the microcontroller via the 24 V bus, instead of via USB.
When the L78L12ABUTR is enabled (default configuration), you can also perform evaluation of complete industrial sensor modules by connecting the STEVALIOD003V1 to a NUCLEO-L073RZ (or NUCLEO-L053R8) board and an X-NUCLEOIKS01A2 expansion board.
The STEVAL-IOD003V1 interfaces with the STM32 controller via UART and GPIO pins and is compatible with the Arduino UNO R3 (default configuration) and ST morpho (optional, not mounted) connectors.




Similar Part No. - STEVAL-IOD003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IOD003V1 STMICROELECTRONICS-STEVAL-IOD003V1 Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results


Similar Description - STEVAL-IOD003V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
IO-LINK PHY for Device Nodes
SN65HVD101 TI1-SN65HVD101_16 Datasheet
1Mb / 30P
IO-Link PHY for Device Nodes
logo
STMicroelectronics
STEVAL-IFP017V3 STMICROELECTRONICS-STEVAL-IFP017V3 Datasheet
316Kb / 4P
Evaluation board for IO-Link transceiver device L6362A
06-May-2016
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
IO-Link industrial modular sensor board based on L6362A
25-Oct-2017
STEVAL-IDP004V1 STMICROELECTRONICS-STEVAL-IDP004V1 Datasheet
466Kb / 12P
IO-Link master multi-port evaluation board based on L6360
05-Jul-2017
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com