Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525CEVB Datasheet (PDF) - Semtech Corporation

SC4525CEVB Datasheet PDF - Semtech Corporation
Part # SC4525CEVB
Download  SC4525CEVB Download
File Size   512.41 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 28V 3A Step-Down Switching Regulator

SC4525CEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4525CEVB Datasheet PDF - Semtech Corporation

Part # SC4525CEVB
Download  SC4525CEVB Click to download

File Size   512.41 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 28V 3A Step-Down Switching Regulator

SC4525CEVB Datasheet (HTML) - Semtech Corporation


SC4525CEVB Product details

Features
Wide input range: 3V to 28V
3A Output Current
200kHz to 2MHz Programmable Frequency
Precision 1V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant

Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Automotive Car Audio

Description
The SC4525C is a constant frequency peak current-mode
step-down switching regulator capable of producing 3A
output current from an input ranging from 3V to 28V. The
switching frequency of the SC4525C can be programmed
up to 2MHz for component miniaturization or it can be
set at lower frequencies to accommodate high step-down
ratios. The SC4525C is suitable for next generation XDSL
modems, high-definition TVs and various point of load
applications.
Peak current-mode PWM control employed in the
SC4525C achieves fast transient response with simple loop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input startup current and prevents the output from overshooting
during power-up.
The SC4525C is available in SOIC-8 EDP package.




Similar Part No. - SC4525CEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
More results


Similar Description - SC4525CEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4525C SEMTECH-SC4525C Datasheet
742Kb / 21P
28V 3A Step-Down Switching Regulator Thermal Shutdown
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
logo
Semtech Corporation
SC4524E SEMTECH-SC4524E Datasheet
869Kb / 23P
28V 2A Step-Down Switching Regulator
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com