Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29JL064J Datasheet (PDF) - Cypress Semiconductor

S29JL064J Datasheet PDF - Cypress Semiconductor
Part # S29JL064J
Download  S29JL064J Download
File Size   811.03 Kbytes
Page   59 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Mbit (8 M x 8-Bit/4 M x 16-Bit), 3 V Simultaneous Read/Write Flash

S29JL064J Datasheet (PDF)

Go To PDF Page Download Datasheet
S29JL064J Datasheet PDF - Cypress Semiconductor

Part # S29JL064J
Download  S29JL064J Click to download

File Size   811.03 Kbytes
Page   59 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Mbit (8 M x 8-Bit/4 M x 16-Bit), 3 V Simultaneous Read/Write Flash

S29JL064J Datasheet (HTML) - Cypress Semiconductor


S29JL064J Product details

Software Features
 Supports Common Flash Memory Interface (CFI)
 Erase suspend/erase resume
– Suspends erase operations to read data from, or program data to, a sector that is not being erased, then resumes the erase operation
 Data# polling and toggle bits
– Provides a software method of detecting the status of program or erase operations
 Unlock bypass program command
– Reduces overall programming time when issuing multiple program command sequences

Hardware Features
 Ready/Busy# output (RY/BY#)
– Hardware method for detecting program or erase cycle completion
 Hardware reset pin (RESET#)
– Hardware method of resetting the internal state machine to the read mode
 WP#/ACC input pin
– Write protect (WP#) function protects sectors 0, 1, 140, and 141, regardless of sector protect status
– Acceleration (ACC) function accelerates program timing
 Sector Protection
– Hardware method to prevent any program or erase operation within a sector
– Temporary Sector Unprotect allows changing data in protected sectors in-system

General Description
The S29JL064J is a 64 Mbit, 3.0 volt-only flash memory device, organized as 4,194,304 words of 16 bits each or 8,388,608 bytes of 8 bits each. Word mode data appears on DQ15–DQ0; byte mode data appears on DQ7–DQ0. The device is designed to be programmed in-system with the standard 3.0 volt VCC supply, and can also be programmed in standard EPROM programmers. The device is available with an access time of 55, 60, 70 ns and is offered in a 48-ball FBGA or 48-pin TSOP package. Standard control pins—chip enable (CE#), write enable (WE#), and output enable (OE#)—control normal read and write operations, and avoid bus contention issues. The device requires only a single 3.0 volt power supply for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations.




Similar Part No. - S29JL064J

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Similar Description - S29JL064J

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29JL064H SPANSION-S29JL064H Datasheet
1Mb / 64P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
S29JL032J CYPRESS-S29JL032J Datasheet
693Kb / 61P
32 Mbit (4M x 8-Bit/2M x 16-Bit), 3 V Simultaneous Read/Write Flash
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com