Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ070XZ5MZZ Datasheet (PDF) - Sharp Corporation

PQ070XZ5MZZ Datasheet PDF - Sharp Corporation
Part # PQ070XZ5MZZ
Download  PQ070XZ5MZZ Download
File Size   89.92 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator

PQ070XZ5MZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ070XZ5MZZ Datasheet PDF - Sharp Corporation

Part # PQ070XZ5MZZ
Download  PQ070XZ5MZZ Click to download

File Size   89.92 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator

PQ070XZ5MZZ Datasheet (HTML) - Sharp Corporation


PQ070XZ5MZZ Product details

SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulators



■Features

● Low voltage operation (Minimum operating voltage: 2.35V) 2.5V input →available 1.5 to 1.8V

● Low dissipation current

    Dissipation current at no load: MAX. 2mA

    Output OFF-state dissipation current: MAX. 5µA




Similar Part No. - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XZ5MZZH SHARP-PQ070XZ5MZZH Datasheet
173Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
More results


Similar Description - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZXH SHARP-PQ070XZ5MZXH Datasheet
173Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
Low Voltage Operation Low Power-loss Voltage Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com