Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX79C2V0 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX79C2V0 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX79C2V0
Download  BZX79C2V0 Download
File Size   115.64 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500 mW Hermetically Sealed Glass Zener Voltage Regulators

BZX79C2V0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79C2V0 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX79C2V0
Download  BZX79C2V0 Click to download

File Size   115.64 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500 mW Hermetically Sealed Glass Zener Voltage Regulators

BZX79C2V0 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZX79C2V0 Product details

FEATURES
- Wide zener voltage range selection: 2.0V to 75V
- VZ Tolerance selection of ±5%
- Designed for through-hole device type mounting
- Hermetically sealed glasss
- Pb free and RoHS compliant
- High reliability glass passivation insuring parameter stability and protection against junction contamination




Similar Part No. - BZX79C2V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
BZX79C2V0-75 TSC-BZX79C2V0-75 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
More results


Similar Description - BZX79C2V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N957B TAK_CHEONG-TC1N957B_10 Datasheet
570Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B_10 Datasheet
654Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com