Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47512VTR Datasheet (PDF) - Renesas Technology Corp

SLG47512VTR Datasheet PDF - Renesas Technology Corp
Part # SLG47512VTR
Download  SLG47512VTR Download
File Size   2768.47 Kbytes
Page   195 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage GreenPAK Programmable Mixed-Signal Matrix

SLG47512VTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG47512VTR Datasheet PDF - Renesas Technology Corp

Part # SLG47512VTR
Download  SLG47512VTR Click to download

File Size   2768.47 Kbytes
Page   195 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage GreenPAK Programmable Mixed-Signal Matrix

SLG47512VTR Datasheet (HTML) - Renesas Technology Corp


SLG47512VTR Product details

 Two High Speed General Purpose Analog Comparators
(ACMPxH)
 Integrated Voltage References (Vref)
 Fifteen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs or Shift
Registers
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Ten Selectable DFF/LATCH or 3-bit LUTs or
Shift Registers
 One Selectable DFF/LATCH or 4-bit LUTs or
Shift Register
 Eight Multi-Function Macrocells
 Seven Selectable DFF/LATCH or 3-bit LUTs + 8-bit
Delay/Counters
 One Selectable DFF/LATCH or 4-bit LUT + 16-bit
Delay/Counter
 Serial Communications
 I2C Protocol Interface
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Two Oscillators (OSC)
 2.048 kHz Oscillator
 25 MHz Oscillator
 Analog Temperature Sensor
 Power-On Reset (POR) with CRC Check
 Read Back Protection (Read Lock)




Similar Part No. - SLG47512VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG47512 RENESAS-SLG47512 Datasheet
3Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
More results


Similar Description - SLG47512VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
SLG47502 DIALOG-SLG47502 Datasheet
2Mb / 191P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG47502 RENESAS-SLG47502 Datasheet
2Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
SLG47512 RENESAS-SLG47512 Datasheet
3Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com