Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-3962 Datasheet (PDF) - Advantech Co., Ltd.

ADAM-3962 Datasheet PDF - Advantech Co., Ltd.
Part # ADAM-3962
Download  ADAM-3962 Download
File Size   454.04 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8-ch Relay and 8-ch Isolated Digital Input PCI Card

ADAM-3962 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM-3962 Datasheet PDF - Advantech Co., Ltd.

Part # ADAM-3962
Download  ADAM-3962 Click to download

File Size   454.04 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 8-ch Relay and 8-ch Isolated Digital Input PCI Card

ADAM-3962 Datasheet (HTML) - Advantech Co., Ltd.


ADAM-3962 Product details

Features
ƒƒ PCI-1761: 8 relay output channels and 8 isolated digital input channels
ƒƒ PCI-1762: 16 relay output channels and 16 isolated digital input channels
ƒƒ LED indicators to show activated relays
ƒƒ Output status readback
ƒƒ Retained relay output values when hot system reset
ƒƒ High-voltage isolation on input channels (PCI-1761: 3,750 VDC;
PCI-1762: 2,500 VDC)
ƒƒ High ESD protection (2,000 VDC)
ƒƒ High over-voltage protection (70 VDC)
ƒƒ Wide input range (10 ~ 50 VDC)
ƒƒ Interrupt handling capability
ƒƒ BoardID™ switch




Similar Part No. - ADAM-3962

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
587Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
564Kb / 2P
DIN-rail Terminal Boards
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
75Kb / 1P
Wiring Terminals for DIN-rail Mounting
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
103Kb / 1P
4-axis Low Cost Stepping Motor Control Universal PCI Card
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
679Kb / 1P
DIN-rail Terminal Boards
15-Mar-2016
More results


Similar Description - ADAM-3962

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCI-1762 ADVANTECH-PCI-1762 Datasheet
587Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input ISA Card
MIC-3612 ADVANTECH-MIC-3612 Datasheet
177Kb / 1P
8-ch Relay and Isolated Digital Input CPCI Card
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input USB Module
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com