Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR-43R Datasheet (PDF) - Amphenol Industrial Products Group.

CVR-43R Datasheet PDF - Amphenol Industrial Products Group.
Part # CVR-43R
Download  CVR-43R Download
File Size   2352.66 Kbytes
Page   6 Pages
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.
Description ePower Connectors

CVR-43R Datasheet (PDF)

Go To PDF Page Download Datasheet
CVR-43R Datasheet PDF - Amphenol Industrial Products Group.

Part # CVR-43R
Download  CVR-43R Click to download

File Size   2352.66 Kbytes
Page   6 Pages
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.
Description ePower Connectors

CVR-43R Datasheet (HTML) - Amphenol Industrial Products Group.


CVR-43R Product details

The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments: • Power converters • Hybrid electric vehicles • Heavy equipment electrification • Two and three phase motors
• Two or three circuit power
• Crimp, lug or bus bar termination
• IP2X on pin and socket
• Environmental IP67 rating
• Two HVIL circuits
• 1,000VDC rating
• Integrated EMI shielding
• 8.0mm – 11.1mm RADSOK®
technology for 200 to 400A
continuous current capability
• Strain relief for jacketed cable
incorporated into shell
• Excellent vibration resistance
• All aluminum shell
ePower Features
The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments:




Similar Part No. - CVR-43R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CVR-RH-25030 COOPER-CVR-RH-25030 Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
CVR-RH-25060 COOPER-CVR-RH-25060 Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
CVR-RH-60030 COOPER-CVR-RH-60030 Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
CVR-RH-60060 COOPER-CVR-RH-60060 Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
More results


Similar Description - CVR-43R

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Precid-Dip Durtal SA
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
SPRING-LOADED CONNECTORS & PAD CONNECTORS
logo
Adels-Contact
040015 ADELS-040015 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
logo
Efficient Power Convers...
EPC2152 EPC-CO-EPC2152 Datasheet
1Mb / 16P
80 V, 15 A ePower??Stage PRELIMINARY
EPC23102 EPC-CO-EPC23102 Datasheet
1Mb / 15P
EPC23102 – ePower™ Stage IC
VERSION 1.0 DATE 7/20/2022
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
CONNECTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com