Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT40-T Datasheet (PDF) - Alfatronix Ltd

PT40-T Datasheet PDF - Alfatronix Ltd
Part # PT40-T
Download  PT40-T Download
File Size   106.14 Kbytes
Page   2 Pages
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd
Description Solid State Battery GuardS

PT40-T Datasheet (PDF)

Go To PDF Page Download Datasheet
PT40-T Datasheet PDF - Alfatronix Ltd

Part # PT40-T
Download  PT40-T Click to download

File Size   106.14 Kbytes
Page   2 Pages
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd
Description Solid State Battery GuardS

PT40-T Datasheet (HTML) - Alfatronix Ltd


PT40-T Product details

A Wide Range of
Features
There are six units in the range from
10A to 200A. The 10A and 20A unit
offer a simple inline system, usually
wired to a specific piece of equipment.
These units do not require chassis
mounting and simply connect and tie
wrap neatly within the wiring system.
The 40A and 60A units are connected
by M6 brass bolts, the 100A and 200A
by M10 brass bolts and use a three point
mounting system to avoid rocking or
stress to the electronics when mounted
on uneven surfaces. Heat is dissipated
into our custom manufactured die cast
casing and all units will operate at full
power without additional heatsink
dissipation.




Similar Part No. - PT40-T

ManufacturerPart #DatasheetDescription
logo
Alfatronix Ltd
PT40 ALFATRONIX-PT40 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
logo
API Delevan
PT400-1200 API-PT400-1200 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT400-1200 API-PT400-1200 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT400-1200-VM API-PT400-1200-VM Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT400-1500 API-PT400-1500 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
More results


Similar Description - PT40-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
Solid State
logo
ebm-papst
LZ32-2 EBMPAPST-LZ32-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
ORION FANS
G25-2 ORIONFANS-G25-2 Datasheet
121Kb / 1P
Fan Guards
G40P ORIONFANS-G40P Datasheet
266Kb / 1P
Fan Guards
G60-4 ORIONFANS-G60-4 Datasheet
133Kb / 1P
Fan Guards
G60POG ORIONFANS-G60POG Datasheet
192Kb / 1P
Push-On Guards
G109-15A ORIONFANS-G109-15A Datasheet
151Kb / 1P
Fan Guards
G180-11 ORIONFANS-G180-11 Datasheet
153Kb / 1P
Fan Guards
logo
Qualtek Electronics Cor...
QSG-40-01 QUALTEK-QSG-40-01 Datasheet
654Kb / 1P
Plastic Fan Guards
logo
STMicroelectronics
EFL700A39 STMICROELECTRONICS-EFL700A39 Datasheet
222Kb / 8P
EnFilm™ - rechargeable solid state lithium thin film battery
02-Jun-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com