Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN48N50Q Datasheet (PDF) - Inchange Semiconductor Company Limited

IXFN48N50Q Datasheet PDF - Inchange Semiconductor Company Limited
Part # IXFN48N50Q
Download  IXFN48N50Q Download
File Size   537.28 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET

IXFN48N50Q Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFN48N50Q Datasheet PDF - Inchange Semiconductor Company Limited

Part # IXFN48N50Q
Download  IXFN48N50Q Click to download

File Size   537.28 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET

IXFN48N50Q Datasheet (HTML) - Inchange Semiconductor Company Limited


IXFN48N50Q Product details

DESCRIPTION
· Drain Current -ID= 48A@ TC=25℃
· Drain Source Voltage
-VDSS= 500V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 100mΩ(Max)@VGS= 10V
APPLICATIONS
· DC-DC converter
· Battery Chargers
· High speed power switch




Similar Part No. - IXFN48N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN48N50Q IXYS-IXFN48N50Q Datasheet
80Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFN48N50Q IXYS-IXFN48N50Q Datasheet
572Kb / 4P
HiPerFET Power MOSFETs Q-Class
More results


Similar Description - IXFN48N50Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com