Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10504 Datasheet (PDF) - Texas Instruments

LM10504 Datasheet PDF - Texas Instruments
Part # LM10504
Download  LM10504 Download
File Size   745.17 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10504 Triple Buck and LDO Power Management Unit

LM10504 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM10504 Datasheet PDF - Texas Instruments

Part # LM10504
Download  LM10504 Click to download

File Size   745.17 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10504 Triple Buck and LDO Power Management Unit

LM10504 Datasheet (HTML) - Texas Instruments


LM10504 Product details

1 Features
1• Three High-Efficiency Programmable Buck
Regulators
– Integrated FETs With Low RDSON
– Bucks Operate With Their Phases Shifted to
Reduce the Input Current Ripple and Capacitor
Size
– Programmable Output Voltage Through the
SPI Interface
– Overvoltage and Undervoltage Lockout
– Automatic Internal Soft Start With Power-On
Reset
– Current Overload and Thermal Shutdown
Protection
– PFM Mode for Low-Load, High-Efficiency
Operation
• Power-Down Data Protection Enhances Data
Integrity
– Bypass Mode Available on Bucks 1 and 2
• Deep Sleep Mode to Save Power During Idle
Times With DevSLP Function
• Programmable Low-Dropout LDO 1.2 V to 3.1 V,
up to 250 mA
• SPI-Programmable Interrupt Comparator
(2 V to 4 V)
• Alternate Buck VOUTS Selectable Through VSELECT
Logic Pins
• Customizable Start-Up Sequencing for Varied
Controllers
• RESET Pin
• Programmable Buck Regulators:
– Buck 1: 1.1 V to 3.6 V at 1.6 A
– Buck 2: 1.1 V to 3.6 V at 1 A
– Buck 3: 0.7 V to 1.335 V at 1 A
• ±3% Feedback Voltage Accuracy
• Up to 95% Efficient Buck Regulators
• 2-MHz Switching Frequency for Smaller Inductor
Size

2 Applications
Solid-State Drives

3 Description
The LM10504 is an advanced PMU containing three
configurable, high-efficiency buck regulators for
supplying variable voltages. The device is ideal for
supporting ASIC and SOC designs for solid-state and
flash drives.
The LM10504 operates cooperatively with ASIC to
optimize the supply voltage for low-power conditions
and power saving modes through the SPI interface. It
also supports a 250-mA LDO and a programmable
interrupt comparator.




Similar Part No. - LM10504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10504TME/NOPB TI1-LM10504TME/NOPB Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
More results


Similar Description - LM10504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com