Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26001B Datasheet (PDF) - Texas Instruments

LM26001B Datasheet PDF - Texas Instruments
Part # LM26001B
Download  LM26001B Download
File Size   721.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode

LM26001B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26001B Datasheet PDF - Texas Instruments

Part # LM26001B
Download  LM26001B Click to download

File Size   721.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode

LM26001B Datasheet (HTML) - Texas Instruments


LM26001B Product details

1FEATURES
2• High Efficiency Sleep Mode
• 40 μA Typical Iq in Sleep Mode
• 10 μA Typical Iq in Shutdown Mode
• 3.0V Minimum Input Voltage
• 4.0V to 18V Continuous Input Range
• 2.0% Reference Accuracy
• Cycle-by-Cycle Current Limit
• Adjustable Frequency (150 kHz to 500 kHz)
• Synchronizable to an External Clock
• Power Good Flag
• Forced PWM Function
• Adjustable Soft-Start
• HTSSOP-16 Exposed Pad Package
• Thermal Shut Down

APPLICATIONS
• Automotive Telematics
• Navigation Systems
• In-Dash Instrumentation
• Battery Powered Applications
• Stand-by Power for Home Gateways/Set-Top
Boxes

DESCRIPTION
The LM26001B is a switching regulator designed for
the high efficiency requirements of applications with
stand-by modes. The device features a low-current
sleep mode to maintain efficiency under light-load
conditions and current-mode control for accurate
regulation over a wide input voltage range. Quiescent current is reduced to 10 μA typically in shutdown
mode and less than 40 μA in sleep mode. Forced
PWM mode is also available to disable sleep mode.
The LM26001B can deliver up to 1.5A of continuous
load current with a fixed current limit, through the
internal N-channel switch. The part has a wide input voltage range of 4.0V to 18V and can operate with
input voltages as low as 3V during line transients.
Operating frequency is adjustable from 150 kHz to
500 kHz with a single resistor and can be
synchronized to an external clock.
Other features include Power good, adjustable soft-
start, enable pin, input under-voltage protection, and
an internal bootstrap diode for reduced component
count.




Similar Part No. - LM26001B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001B TI-LM26001B Datasheet
1,017Kb / 27P
LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26001BMH NSC-LM26001BMH Datasheet
492Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001BMH/NOPB TI-LM26001BMH/NOPB Datasheet
1,017Kb / 27P
LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26001BMHX NSC-LM26001BMHX Datasheet
492Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Similar Description - LM26001B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com