Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3699 Datasheet (PDF) - Texas Instruments

LM3699 Datasheet PDF - Texas Instruments
Part # LM3699
Download  LM3699 Download
File Size   712.87 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3699 High-Efficiency White LED Driver

LM3699 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3699 Datasheet PDF - Texas Instruments

Part # LM3699
Download  LM3699 Click to download

File Size   712.87 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3699 High-Efficiency White LED Driver

LM3699 Datasheet (HTML) - Texas Instruments


LM3699 Product details

1 Features
1• Drives Parallel High-Voltage LED Strings for
Display or Keypad Lighting
• Boost Converter up to 90% Efficiency
• Four User-Selectable Full-Scale Current Settings
(20.2 mA, 18.6 mA, 17.0 mA, 15.4 mA)
• Quick-Dimming Enable Terminal (ILOW)
• Simple PWM Duty Cycle Control
• 24-V Overvoltage Protection Threshold
• Fixed 1-MHz Switching Frequency
• Integrated 1-A/40-V MOSFET
• Three Current Sink Terminals
• Adaptive Boost Output to LED Voltages
• Thermal Shutdown Protection
• 29-mm2 Total Solution Size

2 Applications
• Power Source for Smart Phone Illumination
• Display or Keypad Illumination

3 Description
The LM3699 is a three-string, high-efficiency, PWM-
controlled power source for display backlight or
keypad LEDs in smartphone handsets. The high-
voltage inductive boost converter with integrated 1-A,
40-V MOSFET provides the power for three series
LED strings. The boost output automatically adjusts
to LED forward voltage to minimize headroom voltage
and effectively improve LED efficiency.
The ILOW terminal provides a method to quickly
reduce LED brightness during camera flash
operation.
The LM3699 has integrated overvoltage, overcurrent,
and thermal protection.
The device operates over a 2.7-V to 5.5-V input
voltage range and a −40°C to 85°C temperature
range.




Similar Part No. - LM3699

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
LM3699YFQR TI1-LM3699YFQR Datasheet
1Mb / 25P
High-Efficiency White LED Driver
More results


Similar Description - LM3699

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com