Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48512 Datasheet (PDF) - Texas Instruments

LM48512 Datasheet PDF - Texas Instruments
Part # LM48512
Download  LM48512 Download
File Size   749.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier

LM48512 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48512 Datasheet PDF - Texas Instruments

Part # LM48512
Download  LM48512 Click to download

File Size   749.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48512 Boomer® Audio Power Amplifier Series PowerWise® Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier

LM48512 Datasheet (HTML) - Texas Instruments


LM48512 Product details

1FEATURES
2• E2S System Reduces EMI while Preserving Audio Quality and Efficiency
• Integrated Boost Converter
• Supply Voltage Level Detection on Boost
Converter
• Low Power Shutdown Mode
• "Click and Pop" suppression

APPLICATIONS
• Mobile phones
• Smart phones
• PDAs

DESCRIPTION
Part of National’s PowerWise family or products, the LM48512 delivers 1.8W into 8Ω, while consuming 14.5mA
of quiescent current. The LM48512 also features National’s Enhanced Emissions Suppression (E2S) system, a
patented, ultra low EMI PWM architecture that significantly reduces RF emissions while preserving audio quality
and efficiency. LM48512 improves battery life, reduces external component count, board area consumption,
system cost, and simplifies design.
The LM48512 is designed to meet the demands of portable multimedia devices. The LM48512 features high
efficiency compared to other boosted amplifiers and low EMI Class D amplifiers. The LM48512 is capable of
driving an 8Ω speaker to 5.5V levels (1.8W) from a 3.6V supply while operating at 82% efficiency. Flexible power
supply requirements allow operation from 2.3V to 5.5V. The E2S system features a patented edge rate control
(ERC) architecture that further reduces emissions by minimizing the high frequency component of the device
output, while maintaining high quality audio reproduction (THD+N = 0.03%) and high efficiency. A low power
shutdown mode reduces supply current consumption to 0.04μA.
The LM48512 features a battery-saving automatic gain control (AGC). The AGC detects the battery voltage and
reduces the gain of the amplifier to limit the output as the battery voltage decreases.
Superior click and pop suppression eliminates audible transients on power-up/down and during shutdown.




Similar Part No. - LM48512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48512 TI-LM48512 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48512TL/NOPB TI-LM48512TL/NOPB Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48512TLX/NOPB TI-LM48512TLX/NOPB Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
More results


Similar Description - LM48512

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Eutech Microelectronics...
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com