Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48557 Datasheet (PDF) - Texas Instruments

LM48557 Datasheet PDF - Texas Instruments
Part # LM48557
Download  LM48557 Download
File Size   776.03 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset

LM48557 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48557 Datasheet PDF - Texas Instruments

Part # LM48557
Download  LM48557 Click to download

File Size   776.03 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset

LM48557 Datasheet (HTML) - Texas Instruments


LM48557 Product details

1FEATURES
23• Integrated Charge Pump
• Bridge-Tied Load Output
• Differential Input
• High PSRR
• I2C Volume and Mode Control
• Reset Input
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Minimum External Components
• Micro-Power Shutdown
• Available in Space-Saving 16-Bump DSBGA
Package

APPLICATIONS
• Mobile Phones
• PDAs
• Notebook Electronic Devices
• MP3 Players

KEY APPLICATIONS
• Output Voltage at VDD = 4.2V
– RL = 1μF +22Ω, THD+N ≤ 1%: 5.8 VRMS (Typ)

DESCRIPTION
The LM48557 is a single supply, mono, ceramic
speaker driver with an integrated charge-pump,
designed for portable devices, such as cell phones
and portable media players, where board space is at
a premium. The LM48557 charge pump allows the
device to deliver 5.8VRMS from a single 4.2V supply.
The LM48557 features high power supply rejection
ratio (PSRR), 80dB at 217Hz, allowing the device to
operate in noisy environments without additional
power supply conditioning. Flexible power supply
requirements allow operation from 2.7V to 4.5V. The
LM48557 features an active low reset input that reverts the device to its default state. Additionally, the
LM48557 features a 36-step I2C volume control and
mute function. The low power Shutdown mode
reduces supply current consumption to 0.01μA.
The LM48557’s superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown. The LM48557 is available in an
ultra-small 16-bump DSBGA package (1.965mm x
1.965mm).




Similar Part No. - LM48557

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48557TL NSC-LM48557TL Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557TL/NOPB TI1-LM48557TL/NOPB Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48557TLX NSC-LM48557TLX Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
More results


Similar Description - LM48557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48100QMHE TI-LM48100QMHE Datasheet
949Kb / 24P
LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com