Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822 Datasheet (PDF) - Texas Instruments

LM48822 Datasheet PDF - Texas Instruments
Part # LM48822
Download  LM48822 Download
File Size   564.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume

LM48822 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48822 Datasheet PDF - Texas Instruments

Part # LM48822
Download  LM48822 Click to download

File Size   564.95 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume

LM48822 Datasheet (HTML) - Texas Instruments


LM48822 Product details

FEATURES
23• Ground Referenced Outputs – Eliminates
Output Coupling Capacitors
• Common-Mode Sense
• Ultra-High PSRR
• I2C Volume and Mode Control
• High Output Impedance in Shutdown
• Differential Inputs
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Minimum External Components
• Micro-Power Shutdown
• Available in Space-Saving 16-Bump DSBGA
Package

APPLICATIONS
• Mobile Phones
• PDAs
• Notebook PCs
• Portable Electronic Devices
• MP3 Players

KEY SPECIFICATIONS
• Output Power/Channel at VDD = 3.6V
– RL = 16Ω, THD+N ≤ 1%: 35mW (typ)
• Output Power/Channel at VDD = 3.6V
– R L = 32Ω, THD+N ≤ 1%: 40mW (typ)
• Quiescent Power Supply Current at 3.6V:
3.5mA (typ)
• PSRR at 217Hz: 110dB (typ)
• Shutdown Current: 0.06μA (typ)

DESCRIPTION
The LM48822 is a single supply, ground-referenced
stereo headphone amplifier designed for portable
devices, such as cell phones, where board space is
at a premium. The LM48822 features TI’s ground-
referenced architecture, which eliminates the large
DC blocking capacitor required by traditional
headphone amplifiers, saving board space and
minimizing system cost.
The LM48822 features common-mode sensing that
corrects for any differences between the amplifier
ground and the potential at the headphone return
terminal, minimizing noise created by any ground
mismatches.
The LM48822 delivers 35mW/channel into a 16Ω
load with <1% THD+N with a 3.6V supply. High
power supply rejection ratio (PSRR), of 110dB at
217Hz, allows the device to operate in noisy
environments without additional power supply
conditioning. Flexible power supply requirements
allow operation from 2.4V to 5.5V. The LM48822 has
a differential inputs for improved noise rejection. High
output impedance in Shutdown mode, combined with
a charge pump-only mode allows the LM48822's
outputs to be driven by an external source without
degrading the source signal. Additionally, the
LM48822 features a 64-step I2C volume control and mute function. The low power Shutdown mode
reduces supply current consumption to 0.06μA.
Superior click and pop suppression eliminates audible
transients on power-up/down and during shutdown.
The LM48822 is available in an ultra-small 16-bump
DSBGA package (2mmx2mm).




Similar Part No. - LM48822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48822 NSC-LM48822 Datasheet
582Kb / 22P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
logo
Texas Instruments
LM48822 TI1-LM48822 Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48822 TI1-LM48822 Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48822TL NSC-LM48822TL Datasheet
582Kb / 22P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
logo
Texas Instruments
LM48822TL/NOPB TI1-LM48822TL/NOPB Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
More results


Similar Description - LM48822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM48822 NSC-LM48822 Datasheet
582Kb / 22P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48822 TI1-LM48822_14 Datasheet
1,012Kb / 25P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48822 TI1-LM48822 Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com