Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823 Datasheet (PDF) - Texas Instruments

LM48823 Datasheet PDF - Texas Instruments
Part # LM48823
Download  LM48823 Download
File Size   531.23 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset

LM48823 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48823 Datasheet PDF - Texas Instruments

Part # LM48823
Download  LM48823 Click to download

File Size   531.23 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset

LM48823 Datasheet (HTML) - Texas Instruments


LM48823 Product details

1FEATURES
2• Integrated Charge Pump
• Bridge-Tied Load Output
• High PSRR
• I2C Volume and Mode Control
• Reset Input
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Minimum External Components
• Micro-Power Shutdown
• Available in Space-Saving 16-Bump DSBGA
Package

APPLICATIONS
• Cell Phones
• Smart Phones
• Portable Media Devices
• Notebook PCs

KEY SPECIFICATIONS
• Output Voltage at VDD = 4.2V, RL = 2.2μF + 15Ω
THD+N ≤ 1%: 5.4VRMS (typ)
• Quiescent Power Supply Current at 4.2V:
3.3mA (typ)
• PSRR at 217Hz: 93dB (typ)
• Shutdown Current: 0.01μA (typ)

DESCRIPTION
The LM48823 is a single supply, mono, ceramic
speaker driver with an integrated charge-pump,
designed for portable devices, such as cell phones,
where board space is at a premium. The LM48823
charge pump allows the device to deliver 5.4VRMS
from a single 4.2V supply.
The LM48823 features high power supply rejection ratio (PSRR), 93dB at 217Hz, allowing the device to
operate in noisy environments without additional
power supply conditioning. Flexible power supply
requirements allow operation from 2.0V to 4.5V. The
LM48823 features an active low reset input that
reverts the device to its default state. Additionally, the
LM48823 features a 32-step I2C volume control. The
low power Shutdown mode reduces supply current
consumption to 0.01μA.
The LM48823’s superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown. The LM48823 is available in an
ultra-small 16-bump DSBGA package (2mmx2mm).




Similar Part No. - LM48823

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
National Semiconductor ...
LM48823TL NSC-LM48823TL Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48823TL/NOPB TI1-LM48823TL/NOPB Datasheet
979Kb / 22P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
National Semiconductor ...
LM48823TLX NSC-LM48823TLX Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
More results


Similar Description - LM48823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
LM48823 NSC-LM48823 Datasheet
512Kb / 20P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
Mono, Bridge-Tied Load, Ceramic Speaker Driver
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com