Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860 Datasheet (PDF) - Texas Instruments

LM48860 Datasheet PDF - Texas Instruments
Part # LM48860
Download  LM48860 Download
File Size   570.35 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier

LM48860 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48860 Datasheet PDF - Texas Instruments

Part # LM48860
Download  LM48860 Click to download

File Size   570.35 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier

LM48860 Datasheet (HTML) - Texas Instruments


LM48860 Product details

1FEATURES
2• Fixed Logic Levels with Supply Voltage
• Ground Referenced Outputs
• High PSRR
• Available in Space-Saving DSBGA Package
• Ultra Low Current Shutdown Mode
• Improved Pop & Click Circuitry Eliminates
Noises During Turn-On and Turn-Off
Transitions
• No Output Coupling Capacitors, Snubber
Networks, Bootstrap Capacitors, or Gain-
Setting Resistors Required
• Shutdown Either Channel Independently

APPLICATIONS
• Mobile Phones
• MP3 Players
• PDAs
• Portable Electronic Devices
• Notebook PCs

KEY SPECIFICATIONS
• PSRR at 217Hz (VDD = 3.0V): 80dB (typ)
• Stereo Power Output at VDD = 3V, RL = 16Ω,
THD+N = 1%: 40mW (typ)
• Shutdown Current 0.1μA (typ)
• Internal Fixed Gain: 1.5V/V (typ)
• Operating Voltage: 2.0V to 5.5V

DESCRIPTION
The LM48860 is a ground referenced, fixed-gain
audio power amplifier capable of delivering 40mW per
channel of continuous average power into a 16Ω
single-ended load with less than 1% THD+N from a
3V power supply.
The LM48860 features a new circuit technology that
utilizes a charge pump to generate a negative
reference voltage. This allows the outputs to be
biased about ground, thereby eliminating outputcoupling
capacitors typically used with normal single-
ended loads.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM48860 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM48860 features a low-power consumption
shutdown mode selectable for either channel
separately. This is accomplished by driving either the
SD_RC (Shutdown Right Channel) or SD_LC
(Shutdown Left Channel) (or both) pins with logic low,
depending on which channel is desired shutdown.
Additionally, the LM48860 features an internal
thermal shutdown protection mechanism.
The LM48860 contains advanced pop & click circuitry
that eliminates noises which would otherwise occur
during turn-on and turn-off transitions.
The LM48860 has an internal fixed gain of 1.5V/V.




Similar Part No. - LM48860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860TL NSC-LM48860TL Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860TL/NOPB TI1-LM48860TL/NOPB Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Similar Description - LM48860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com