Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48861 Datasheet (PDF) - Texas Instruments

LM48861 Datasheet PDF - Texas Instruments
Part # LM48861
Download  LM48861 Download
File Size   403.37 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48861 Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier

LM48861 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48861 Datasheet PDF - Texas Instruments

Part # LM48861
Download  LM48861 Click to download

File Size   403.37 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48861 Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier

LM48861 Datasheet (HTML) - Texas Instruments


LM48861 Product details

1FEATURES
23• Ground Referenced Outputs – Eliminates
Output Coupling Capacitors
• Common-Mode Sensing
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Minimum External Components
• Micro-Power Shutdown
• ESD Protection of 8kV HBM Contact
• Available in Space-Saving 12-Bump DSBGA
Package

APPLICATIONS
• Mobile Phones
• Portable Electronic Devices
• MP3 Players

KEY SPECIFICATIONS
• Output Power/Channel at
VDD = 1.5V,THD+N = 1%
– R L = 16Ω 12mW (typ)
– RL = 32Ω 13mW (typ)
• Output Power/Channel at
VDD = 1.8V, THD+N = 1%
– RL = 16Ω 24mW (typ)
– RL = 32Ω 22mW (typ)
• Quiescent Power Supply Current at 1.5V
2mA (typ)
• PSRR at 217Hz 83dB (typ)
• Shutdown Current 0.01μA (typ)

DESCRIPTION
The LM48861 is a single supply, ground-referenced
stereo headphone amplifier. Part of TI's PowerWise™
product family, the LM48861 consumes only 3mW of
power, yet still provides great audio performance. The
ground-referenced architecture eliminates the larger
DC blocking capacitors required by traditional
headphone amplifier's saving board space and
reducing cost.
The LM48861 features common-mode sensing that
corrects for any differences between the amplifier
ground and the potential at the headphone return
terminal, minimizing noise created by any ground
mismatches.
The LM48861 delivers 22mW/channel into a 32Ω
load with <1% THD+N with a 1.8V supply. Power
supply requirements allow operation from 1.2V to 2.8V. High power supply rejection ratio (PSRR), 83dB
at 217Hz, allows the device to operate in noisy
environments without additional power supply
conditioning. A low power shutdown mode reduces
supply current consumption to 0.01μA.
Superior click and pop suppression eliminates audible
transients on power-up/down and during shutdown.
The LM48861 is available in an ultra-small 12-bump,
0.4mm pitch, DSBGA package (1.215mm x
1.615mm).




Similar Part No. - LM48861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861TM NSC-LM48861TM Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861TM/NOPB TI1-LM48861TM/NOPB Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Similar Description - LM48861

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com