Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150 Datasheet (PDF) - Texas Instruments

LM49150 Datasheet PDF - Texas Instruments
Part # LM49150
Download  LM49150 Download
File Size   768.58 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers

LM49150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49150 Datasheet PDF - Texas Instruments

Part # LM49150
Download  LM49150 Click to download

File Size   768.58 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers

LM49150 Datasheet (HTML) - Texas Instruments


LM49150 Product details

1FEATURES
23• E2S Class D Amplifier
• Ground Referenced Headphone Outputs —
Eliminates Output Coupling Capacitors
• I2C Volume and Mode Control
• Mono Earpiece Amplifier
• Flexible Output for Speaker and Headphone
Output
• 20–Bump DSBGA Package
• Soft Enable Function
• “Click and Pop” Suppression Circuitry
• Thermal Shutdown Protection
• Low Supply Current
• Micro-Power Shutdown

KEY SPECIFICATIONS
• Output power at V DD = 5V:
– Speaker: RL = 8Ω BTL, THD+N ≤ 1%: 1.25W
(typ)
– Headphone: RL = 32Ω SE, THD+N ≤ 1%:
42mW (typ) ground–
Earpiece: R L = 8Ω SE, THD+N ≤ 1%: 135mW
(typ)
• Output power at VDD = 3.3V:
– Speaker: RL = 8Ω BTL, THD+N ≤ 1%:
520mW (typ)
– Headphone: RL = 32Ω BTL, THD+N ≤ 1%:
42mW (typ)
– Earpiece: R L = 8Ω SE, THD+N ≤ 1%: 35mW
(typ)
• Output Offset
– LS Mode: 9mV (typ)
– HP Mode: 1mV (typ)
– Earpiece: 1mV (typ)
• Single Supply Operation (V DD): 2.7 to 5.5V
• I2C Single Supply Operation: 1.7 to 5.5V

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronics

DESCRIPTION
The LM49150 is a fully integrated audio subsystem
designed for portable handheld applications such as
cellular phones. Part of TI's PowerWise™ product
family, the LM49150 consumes very low power in the
various modes of operation and still providing great
audio performance. The LM49150 combines a 1.25W
mono E2S (Enhanced Emission Suppression) class D
amplifier, 135mW Class AB earpiece amplifier,
42mW/channel stereo ground reference headphone
amplifiers, volume control, and mixing circuitry into a
single device.
The filterless class D amplifier delivers 1.25W into an
8Ω load with <1% THD+N with a 5V supply. The E2S
class D amplifier features a patented, ultra low EMI
PWM architecture that significantly reduces RF
emissions while preserving audio quality. The
42mW/channel headphone drivers feature TI’s
ground referenced architecture that creates a ground–
referenced output from a single supply, eliminating
the need for bulky and expensive DC-blocking
capacitors, saving space and minimizing cost.
The LM49150 features a fully differential mono input,
and two single-ended stereo inputs. The three inputs
can be mixed/multiplexed to either the speaker or
headphone amplifiers. Each input channel has an
independent, 32-step digital volume control. The
headphone output stage features an additional, 8-
step gain control, while the speaker output stage has a selectable 6dB or 12dB gain. The mixer, volume
control and device mode select are controlled through
an I2C compatible serial interface.
The LM49150’s superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown. The LM49150 is available in a ultra-
small 20-bump DSBGA package (2.225mm X
2.644mm).




Similar Part No. - LM49150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49150TL NSC-LM49150TL Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150TL/NOPB TI1-LM49150TL/NOPB Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
More results


Similar Description - LM49150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com