Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151 Datasheet (PDF) - Texas Instruments

LM49151 Datasheet PDF - Texas Instruments
Part # LM49151
Download  LM49151 Download
File Size   656.05 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control

LM49151 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49151 Datasheet PDF - Texas Instruments

Part # LM49151
Download  LM49151 Click to download

File Size   656.05 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control

LM49151 Datasheet (HTML) - Texas Instruments


LM49151 Product details

1FEATURES
23• E2S Class D Amplifier
• Ground Referenced Outputs — Eliminates
Output Coupling Capacitors
• I2C Programmable No Clip Function with Clip
Control
• Voltage Limiter Speaker Protection
• I2C Volume and Mode Control
• Ear Piece Amplifier
• Advanced Click-and-Pop Suppression
• Low Supply Current
• Micro-Power Shutdown
• 20-bump DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs
• Notebook PCs
• Portable Electronics Devices
• MP3 Players

KEY SPECIFICATIONS
• Output Power at VDD = 3.3V THD+N ≤ 1%
– LS Mode, RL = 8Ω 520mW (Typ)
– HP Mode, R L = 32Ω 40mW (Typ)
• Output Power at VDD = 5V THD+N ≤ 1%
– LS Mode, RL = 8Ω 1.25W (Typ)
– HP Mode, RL = 32Ω 42mW (Typ)
• Output Offset
– LS Mode 15 6mV (Typ)
– HP Mode 15 2mV (Typ)

DESCRIPTION
The LM49151 is a fully integrated audio subsystem
designed for portable handheld applications such as
cellular phones. The LM49151 combines a 1.25W
mono E2S class D amplifier, 125mW Class AB
earpiece driver, 42mW/channel stereo ground
referenced headphone drivers, volume control, input
mixer/multiplexer, and speaker protection into a
single device.
The LM49151 class D speaker amplifier features
Texas Instruments' unique Automatic Level Control
(ALC) that provides both a I2C programmable no-clip
feature with Clip Controls and speaker protection.
The E2S (Enhanced Emission Suppression) class D
amplifier features a patented, ultra low EMI PWM
architecture that significantly reduces RF emissions
while preserving audio quality and efficiency while
delivering 1.25W into an 8Ω load with <1% THD+N
with a 5V supply. The 42mW/channel headphone
drivers feature Texas Instruments' ground referenced
architecture that creates a ground-referenced output
from a single supply, eliminating the need for bulky
and expensive DC-blocking capacitors, saving space
and minimizing system cost.
The LM49151 features separate volume controls for
the loudspeaker and headphone inputs. Mode
selection, shutdown control, and volume are
controlled through an I2C compatible interface. The
LM49151's superior click and pop suppression
eliminates audible transients on power-up/down and
during shutdown.




Similar Part No. - LM49151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Texas Instruments
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
National Semiconductor ...
LM49151TL NSC-LM49151TL Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Texas Instruments
LM49151TL/NOPB TI1-LM49151TL/NOPB Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
National Semiconductor ...
LM49151TLX NSC-LM49151TLX Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
More results


Similar Description - LM49151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com