Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025B Datasheet (PDF) - Texas Instruments

LM5025B Datasheet PDF - Texas Instruments
Part # LM5025B
Download  LM5025B Download
File Size   712.22 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025B Active Clamp Voltage Mode PWM Controller

LM5025B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5025B Datasheet PDF - Texas Instruments

Part # LM5025B
Download  LM5025B Click to download

File Size   712.22 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025B Active Clamp Voltage Mode PWM Controller

LM5025B Datasheet (HTML) - Texas Instruments


LM5025B Product details

1FEATURES
2• Internal Start-Up Bias Regulator
• 3A Compound Main Gate Driver
• Programmable Line Under-Voltage Lockout
(UVLO) with Adjustable Hysteresis
• Voltage Mode Control with Feed-Forward
• Adjustable Dual Mode Over-Current Protection
• Programmable Overlap or Deadtime between
the Main and Active Clamp Outputs
• Volt x Second Maximum Duty Cycle Clamp
• Programmable Soft-Start
• Current Sense Leading Edge Blanking
• Single Resistor Programmable Oscillator
• Oscillator Up / Down Sync Capability
• Precision 5V Reference
• Thermal Shutdown

PACKAGES
• TSSOP-16
• WSON-16 (5x5 mm) Thermally Enhanced

DESCRIPTION
The LM5025B is a functional variant of the LM5025
active clamp PWM controller. The functional
differences of the LM5025B are as follows:
The maximum PWM duty cycle is limited to less
than 75% to reduce voltage stress on the power
MOSFETs.
The CS2 hiccup mode threshold is increased to
0.5V
The CS2 filter discharge device is disabled
The VCC regulator continues to operate when the
line UVLO is below the threshold of normal
operation
The VREF regulator is switched off when the line
UVLO input falls below the operating threshold
The internal 5kΩ COMP pin pull-up resistor is
removed
The LM5025B PWM controller contains all of the
features necessary to implement power converters
utilizing the Active Clamp / Reset technique. With the active clamp technique, higher efficiencies and
greater power densities can be realized compared to
conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided, the
main power switch control (OUT_A) and the active
clamp switch control (OUT_B). The two internal
compound gate drivers parallel both MOS and Bipolar
devices, providing superior gate drive characteristics.
This controller is designed for high-speed operation
including an oscillator frequency range up to 1MHz
and total PWM and current sense propagation delays
less than 100ns.
The LM5025B includes a high-voltage start-up
regulator that operates over a wide input range of
13V to 100V. Additional features include: Line Under
Voltage Lockout (UVLO), softstart, oscillator
UP/DOWN sync capability, precision reference and
thermal shutdown.




Similar Part No. - LM5025B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025BMTC NSC-LM5025BMTC Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025BMTC/NOPB TI1-LM5025BMTC/NOPB Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025BMTCX NSC-LM5025BMTCX Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
More results


Similar Description - LM5025B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI-LM5025B_15 Datasheet
1Mb / 24P
LM5025B Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com