Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5070 Datasheet (PDF) - Texas Instruments

LM5070 Datasheet PDF - Texas Instruments
Part # LM5070
Download  LM5070 Download
File Size   770.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller

LM5070 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5070 Datasheet PDF - Texas Instruments

Part # LM5070
Download  LM5070 Click to download

File Size   770.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller

LM5070 Datasheet (HTML) - Texas Instruments


LM5070 Product details

FEATURES
• Fully Compliant 802.3af Power Interface Port
• 80V, 1Ω, 400 mA Internal MOSFET
• Programmable Inrush Current Limit
• Detection Resistor Disconnect Function
• Programmable Classification Current
• Programmable Under-voltage Lockout with
Programmable Hysteresis
• Thermal Shutdown Protection
• Current Mode Pulse Width Modulator
• Supports Both Isolated and Non-Isolated
Applications
• Error Amplifier and Reference for Non-Isolated

Applications
• Programmable Oscillator Frequency
• Programmable Soft-Start
• 80% Maximum Duty Cycle Limiter, Slope
Compensation (-80 device)
• 50% Maximum Duty Cycle Limiter, No Slope
Compensation (-50 device)
• 800 mA Peak Gate Driver

DESCRIPTION
The LM5070 power interface port and pulse width
modulation (PWM) controller provides a complete
integrated solution for Powered Devices (PD) that
connect into Power over Ethernet (PoE) systems. The
LM5070 integrates an 80V, 400mA line connection
switch and associated control for a fully IEEE 802.3af compliant interface with a full featured current mode
pulse width modulator dc-dc converter. All power
sequencing requirements between the controller
interface and switch mode power supply (SMPS) are
integrated into the IC. Two options are available providing either an 80% maximum duty cycle limit
with slope compensation (on the –80 suffix) device or
50% maximum duty cycle limit and no slope
compensation on the (–50 suffix) device.




Similar Part No. - LM5070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070 TI-LM5070 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070MTC-50 NSC-LM5070MTC-50 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Similar Description - LM5070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com