Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5071 Datasheet (PDF) - Texas Instruments

LM5071 Datasheet PDF - Texas Instruments
Part # LM5071
Download  LM5071 Download
File Size   759.62 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface

LM5071 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5071 Datasheet PDF - Texas Instruments

Part # LM5071
Download  LM5071 Click to download

File Size   759.62 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface

LM5071 Datasheet (HTML) - Texas Instruments


LM5071 Product details

1FEATURES
2• Compatible with 12V AC Adapters
• Fully Compliant 802.3af Power Interface Port
• 80V, 1Ω, 400 mA Internal MOSFET
• Detection Resistor Disconnect Function
• Programmable Classification Current
• Programmable Under-voltage Lockout with
Programmable Hysteresis
• Thermal Shutdown Protection
• Auxiliary Power Enable Pin
• Current Mode Pulse Width Modulator
• Supports both Isolated and Non-Isolated
Applications
• Error Amplifier and Reference for Non-Isolated

Applications
• Programmable Oscillator Frequency
• Programmable Soft-Start
• 80% Maximum Duty Cycle Limiter, Slope
Compensation (-80 device)
• 50% Maximum Duty Cycle Limiter, No Slope
Compensation (-50 device)

PACKAGES
• TSSOP-16

DESCRIPTION
The LM5071 power interface port and pulse width modulation (PWM) controller provides a complete
integrated solution for Powered Devices (PD) that
connect into Power over Ethernet (PoE) systems.
The LM5071 is specifically designed for the PD
that must accept power from auxiliary sources
such as AC adapters. The auxiliary power interface
of the LM5071 activates the PWM controller when the
ac adapter is connected to power the PD when PoE
network power is unavailable. The LM5071 integrates an 80V, 400mA line connection switch and
associated control for a fully IEEE 802.3af compliant
interface with a full featured current mode pulse width
modulator dc-dc converter. All power sequencing
requirements between the controller interface and
switch mode power supply (SMPS) are integrated into
the IC.




Similar Part No. - LM5071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071 TI-LM5071 Datasheet
1Mb / 24P
Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
LM5071 TI1-LM5071 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071MT-50 NSC-LM5071MT-50 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results


Similar Description - LM5071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
100V Power Over Ethernet PD Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com