Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDL12V Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TESDL12V Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TESDL12V
Download  TESDL12V Download
File Size   81.64 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description SMD ESD Protection Diode

TESDL12V Datasheet (PDF)

Go To PDF Page Download Datasheet
TESDL12V Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TESDL12V
Download  TESDL12V Click to download

File Size   81.64 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description SMD ESD Protection Diode

TESDL12V Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TESDL12V Product details

FEATURES
- Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
- Designed for mounting on small surface
- Protects one Bi-directional I/O line
- Moisture sensitivity level 1
- Working Voltage : 5V, 12V, 24V
- Pb free version and RoHS compliant
- Packing code with suffix "G" means green compound (halogen-free)

APPLICATIONS
- Cell Phone Handsets and Accessories
- Notebooks, Desktops, and Servers
- Keypads, Side Keys, USB 2.0, LCD Displays
- Portable Instrumentation
- Touch Panel




Similar Part No. - TESDL12V

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDL12V TSC-TESDL12V Datasheet
89Kb / 3P
200mW,Bi-directional ESD Protection Diode
TESDL12V TSC-TESDL12V Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDL12V TSC-TESDL12V Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDL12V TSC-TESDL12V Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
More results


Similar Description - TESDL12V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com