Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-P1A Datasheet (PDF) - LEM

AI-P1A Datasheet PDF - LEM
Part # AI-P1A
Download  AI-P1A Download
File Size   1832.8 Kbytes
Page   12 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description 1 AMPERE OUTPUT ROGOWSKI COIL SIGNAL CONDITIONER

AI-P1A Datasheet (PDF)

Go To PDF Page Download Datasheet
AI-P1A Datasheet PDF - LEM

Part # AI-P1A
Download  AI-P1A Click to download

File Size   1832.8 Kbytes
Page   12 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description 1 AMPERE OUTPUT ROGOWSKI COIL SIGNAL CONDITIONER

AI-P1A Datasheet (HTML) - LEM


AI-P1A Product details

Features
• Accuracy Class 0.5 (IEC 61869-2)
• Linearity error ≤ 0.10 %
• Protection degree IP2X
• 35 mm DIN rail mounted
• Push-in terminals
• 1 A instantaneous output signals
• 6 selectable sensitivities depending on Rogowski coil: 22.5, 70, 80, 85, 100, 120 mV/kA at 50 Hz
• 12 selectable ranges: 100, 200, 300, 400, 500, 600, 800, 1000, 1500, 2000, 4000, 5000 A
• Ambient operating temperature −25 ...+70 °C.

Applications
• MV/LV substations: transformer condition monitoring
• Power measurement: current measurement for active power calculation
• Building sub-metering: energy efficiency monitoring, consumption analysis and cost allocation
• Power quality monitoring: electrical loads and distribution system equipment
• Fault Detection, Isolation and Repair (FDIR)
• Remote Terminal Units (RTU).

Application Domains
• Industrial
• Smart grid.




Similar Part No. - AI-P1A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
AI-102 ITT-AI-102 Datasheet
93Kb / 1P
SMA Straight Connectors, Crimp Type for Braided Cable
logo
Projects Unlimited, Inc...
AI-1027-TWT-3V-R PUI-AI-1027-TWT-3V-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
AI-1027-TWT-3V-R PUIAUDIO-AI-1027-TWT-3V-R Datasheet
349Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
AI-1027-TWT-5V-2-R PUIAUDIO-AI-1027-TWT-5V-2-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AI-1027-TWT-5V-R PUI-AI-1027-TWT-5V-R Datasheet
210Kb / 1P
RELEASED FROM ENGINEERING
More results


Similar Description - AI-P1A

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
Digital Output Sensor Signal Conditioner
logo
Texas Instruments
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
logo
WAGO Kontakttechnik Gmb...
857-552 WAGO-857-552 Datasheet
852Kb / 12P
Current signal conditioner; Input for Rogowski coils; Current and voltage output signal
855-9150-2000-1251 WAGO-855-9150-2000-1251 Datasheet
312Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
855-9150-2000-1751 WAGO-855-9150-2000-1751 Datasheet
290Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
855-9150-2000-701 WAGO-855-9150-2000-701 Datasheet
312Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
855-9450-2000-1251 WAGO-855-9450-2000-1251 Datasheet
312Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
855-9450-2000-1751 WAGO-855-9450-2000-1751 Datasheet
290Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
855-9450-2000-701 WAGO-855-9450-2000-701 Datasheet
312Kb / 5P
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com