Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5116-HT Datasheet (PDF) - Texas Instruments

LM5116-HT Datasheet PDF - Texas Instruments
Part # LM5116-HT
Download  LM5116-HT Download
File Size   708.55 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE RANGE SYNCHRONOUS BUCK CONTROLLER

LM5116-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5116-HT Datasheet PDF - Texas Instruments

Part # LM5116-HT
Download  LM5116-HT Click to download

File Size   708.55 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE RANGE SYNCHRONOUS BUCK CONTROLLER

LM5116-HT Datasheet (HTML) - Texas Instruments


LM5116-HT Product details

FEATURES
• Emulated Peak Current Mode
• Wide Operating Range Up to 80 V
• Low IQ Shutdown (< 10 μA)
• Drives Standard or Logic Level MOSFETs
• Robust 3.5-A Peak Gate Drive
• Free-Run or Synchronous Operation to 1 MHz
• Optional Diode Emulation Mode
• Programmable Output from 1.215 V to 80 V
• Precision 1.5% Voltage Reference
• Programmable Current Limit
• Programmable Soft-Start
• Programmable Line Under-Voltage Lockout
• Automatic Switch to External Bias Supply

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Available in Extreme (–55°C to 175°C)
Temperature Range
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions with design and process enhancements to
maximize performance over extended
temperatures.

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

DESCRIPTION
The LM5116 is a synchronous buck controller intended for step-down regulator applications from a high voltage
or widely varying input supply. The control method is based upon current mode control utilizing an emulated
current ramp. Current mode control provides inherent line feed-forward, cycle by cycle current limiting and ease
of loop compensation. The use of an emulated control ramp reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable control of very small duty cycles necessary in high input voltage applications.
The operating frequency is programmable from 50 kHz to 1 MHz. The LM5116 drives external high-side and lowside
NMOS power switches with adaptive dead-time control. A user-selectable diode emulation mode enables
discontinuous mode operation for improved efficiency at light load conditions. A low quiescent current shutdown
disables the controller and consumes less than 10 μA of total input current. Additional features include a high
voltage bias regulator, automatic switch-over to external bias for improved efficiency, thermal shutdown,
frequency synchronization, cycle by cycle current limit and adjustable line under-voltage lockout.




Similar Part No. - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
Wide Range Synchronous Buck Controller
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
Wide Range Synchronous Buck Controller
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
Wide Range Synchronous Buck Controller
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
Wide Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com