Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94023 Datasheet (PDF) - Texas Instruments

LM94023 Datasheet PDF - Texas Instruments
Part # LM94023
Download  LM94023 Download
File Size   504.27 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output

LM94023 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM94023 Datasheet PDF - Texas Instruments

Part # LM94023
Download  LM94023 Click to download

File Size   504.27 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output

LM94023 Datasheet (HTML) - Texas Instruments


LM94023 Product details

1FEATURES
2• Low 1.5V Operation
• Push-pull Output with 50μA Source Current
Capability
• Two Selectable Gains
• Very Accurate Over Wide Temperature Range
of −50°C to +150°C
• Low Quiescent Current
• Output is Short-circuit Protected
• Extremely Small DSBGA Package
• Footprint Compatible with the Industry-
standard LM20 Temperature Sensor

APPLICATIONS
• Cell Phones
• Wireless Transceivers
• Battery Management
• Automotive
• Disk Drives
• Games
• Appliances

KEY SPECIFICATIONS
• Supply Voltage 1.5V to 5.5V
• Supply Current 5.4 μA (typ)
• Output Drive ±50 μA
• Temperature Accuracy
– 20°C to 40°C ±1.5°C
– –50°C to 70°C ±1.8°C
– –50°C to 90°C ±2.1°C
– –50°C to 150°C ±2.7°C
• Operating Temperature −50°C to 150°C

DESCRIPTION
The LM94023 is a precision analog output CMOS
integrated-circuit temperature sensor that operates at
a supply voltage as low as 1.5 Volts. Available in the
very small four-bump DSBGA 0.8mm x 0.8mm) the
LM94023 occupies very little board area. A class-AB
output structure gives the LM94023 strong output
source and sink current capability for driving heavy
loads, making it well suited to source the input of a
sample-and-hold analog-to-digital converter with its
transient load requirements, This generally means the
LM94023 can be used without external components,
like resistors and buffers, on the output. While
operating over the wide temperature range of −50°C
to +150°C, the LM94023 delivers an output voltage
that is inversely porportional to measured
temperature. The LM94023's low supply current
makes it ideal for battery-powered systems as well as
general temperature sensing applications.
A Gain Select (GS) pin sets the gain of the
temperature-to-voltage output transfer function. Either
of two slopes are selectable: −5.5 mV/°C (GS=0) or
−8.2 mV/°C (GS=1). In the lowest gain configuration,
the LM94023 can operate with a 1.5V supply while
measuring temperature over the full −50°C to +150°C
operating range. Tying GS high causes the transfer
function to have the largest gain for maximum
temperature sensitivity. The gain-select inputs can be
tied directly to VDD or Ground without any pull-up or
pull-down resistors, reducing component count and
board area. These inputs can also be driven by logic
signals allowing the system to optimize the gain
during operation or system diagnostics.




Similar Part No. - LM94023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94023 NSC-LM94023 Datasheet
403Kb / 16P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
LM94023BITME NSC-LM94023BITME Datasheet
403Kb / 16P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
logo
Texas Instruments
LM94023BITME/NOPB TI-LM94023BITME/NOPB Datasheet
919Kb / 19P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
logo
National Semiconductor ...
LM94023BITMX NSC-LM94023BITMX Datasheet
403Kb / 16P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
logo
Texas Instruments
LM94023BITMX/NOPB TI-LM94023BITMX/NOPB Datasheet
919Kb / 19P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
More results


Similar Description - LM94023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
LM94023 NSC-LM94023 Datasheet
403Kb / 16P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LM94023 TI-LM94023_15 Datasheet
919Kb / 19P
1.5V, micro SMD, Dual-Gain Analog Temperature Sensor with Class AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
logo
SG Micro Corp
SGM447 SGMICRO-SGM447 Datasheet
451Kb / 6P
1.5V Dual-Gain Analog Temperature Sensor with Class-AB Output
NOVEMBER 2022 - REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com