Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95071 Datasheet (PDF) - Texas Instruments

LM95071 Datasheet PDF - Texas Instruments
Part # LM95071
Download  LM95071 Download
File Size   634.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor

LM95071 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95071 Datasheet PDF - Texas Instruments

Part # LM95071
Download  LM95071 Click to download

File Size   634.16 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor

LM95071 Datasheet (HTML) - Texas Instruments


LM95071 Product details

1 Features
• Small SOT-23 package saves space
• Shutdown mode conserves power between
temperature readings
• Operates over a full −40°C to +150°C range
• SPI and MICROWIRE bus interface
• Key specifications:
– Supply voltage: 2.4 V to 5.5 V
– Supply current:
– Operating: 280 μA (typical)
– Shutdown: 6 μA (typical)
– Temperature accuracy:
– 0°C to 70°C ±1°C (maximum)
– −40°C to 150°C ±2°C (maximum)
– Temperature resolution: 0.03125°C

2 Applications
• System thermal management
• Portable electronic devices
• Personal computers
• Disk drives
• Office electronics
• Electronic test equipment

3 Description
The LM95071 is a low-power, high-resolution digital
temperature sensor with an SPI and MICROWIRE
compatible interface, available in the 5-pin SOT-23.
The host can query the LM95071 at any time to read
temperature. Its low operating current is useful in
systems where low power consumption is critical.
The LM95071 has 13-bit plus sign temperature
resolution (0.03125°C per LSB) while operating over
a temperature range of −40°C to +150°C.
The 2.4-V to 5.5-V supply voltage range, fast
conversion rate, low supply current, and simple SPI
interface of the LM95071 make it ideal for a wide
range of applications.




Similar Part No. - LM95071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI2-LM95071 Datasheet
656Kb / 22P
LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
DECEMBER 2018
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071-Q1 TI1-LM95071-Q1 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results


Similar Description - LM95071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com