Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95221 Datasheet (PDF) - Texas Instruments

LM95221 Datasheet PDF - Texas Instruments
Part # LM95221
Download  LM95221 Download
File Size   632.9 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95221 Dual Remote Diode Digital Temperature Sensor with SMBus Interface

LM95221 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95221 Datasheet PDF - Texas Instruments

Part # LM95221
Download  LM95221 Click to download

File Size   632.9 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95221 Dual Remote Diode Digital Temperature Sensor with SMBus Interface

LM95221 Datasheet (HTML) - Texas Instruments


LM95221 Product details

1FEATURES
2• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Remote Diode Fault Detection
• On-board Local Temperature Sensing
• Remote Temperature Readings
– 0.125°C LSb
– 10-bits Plus Sign or 11-bits Programmable
Resolution
– 11-bits Resolves Temperatures Above
127°C
• Local Temperature Readings
– 0.25°C
– 9-bits Plus Sign
• Status Register Support
• Programmable Conversion Rate Allows User
Optimization of Power Consumption
• Shutdown Mode One-shot Conversion Control
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-pin VSSOP Package

KEY SPECIFICATIONS
• Local Temperature Accuracy
– TA = 0°C to 85°C ± 3.0°C (max)
• Remote Diode Temperature Accuracy
– TA = 30°C to 50°C, TD = 45°C to 85°C
±1.0 °C (Max)
– TA = 0°C to 85°C, TD = 25°C to 140°C
±3.0°C (Max)
• Supply Voltage 3.0 V to 3.6 V
• Supply Current 2 mA (Typ)

APPLICATIONS
• Processor/Computer System Thermal
Management (e.g. Laptop, Desktop,
Workstations, Server)
• Electronic Test Equipment
• Office Electronics

DESCRIPTION
The LM95221 is a dual remote diode temperature sensor in an 8-lead VSSOP package. The 2-wire
serial interface of the LM95221 is compatible with
SMBus 2.0. The LM95221 can sense three
temperature zones, it can measure the temperature
of its own die as well as two diode connected
transistors. The diode connected transistors can be a
thermal diode as found in Pentium and AMD
processors or can simply be a diode connected
MMBT3904 transistor. The LM95221 resolution format for remote temperature readings can be
programmed to be 10-bits plus sign or 11-bits
unsigned. In the unsigned mode the LM95221 remote
diode readings can resolve temperatures above
127°C. Local temperature readings have a resolution
of 9-bits plus sign.
The temperature of any ASIC can be accurately
determined using the LM95221 as long as a
dedicated diode (semiconductor junction) is available
on the target die. The LM95221 remote sensor
accuracy of ±1°C is factory trimmed for a series
resistance of 2.7 ohms and 1.008 non-ideality factor.




Similar Part No. - LM95221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221 Datasheet
1,006Kb / 25P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
National Semiconductor ...
LM95221CIMM NSC-LM95221CIMM Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221CIMM/NOPB TI-LM95221CIMM/NOPB Datasheet
1,006Kb / 25P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
National Semiconductor ...
LM95221CIMMX NSC-LM95221CIMMX Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
More results


Similar Description - LM95221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com