Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95233 Datasheet (PDF) - Texas Instruments

LM95233 Datasheet PDF - Texas Instruments
Part # LM95233
Download  LM95233 Download
File Size   764.37 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95233 Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology

LM95233 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95233 Datasheet PDF - Texas Instruments

Part # LM95233
Download  LM95233 Click to download

File Size   764.37 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95233 Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology

LM95233 Datasheet (HTML) - Texas Instruments


LM95233 Product details

1FEATURES
23• Accurately Senses Die Temperature of 2
Remote ICs or Diode Junctions and Local
Temperature
• TruTherm BJT Beta Compensation Technology
Accurately Senses Sub-Micron Process
Thermal Diodes
• 0.125°C LSb Temperature Resolution
• 0.03125°C LSb Remote Temperature
Resolution with Digital Filter Enabled
• +127.875°C/–128°C and 0°C/255°C Remote
Ranges
• Programmable Digital Filters and Analog Front
End Filter
• Remote Diode Fault Detection, Model diodeSelection
and Offset Correction
• Mask and Status Register Support
• 3 Programmable TCRIT Outputs with
Programmable Shared Hysteresis
• Programmable Conversion Rate and Shutdown
Mode One-Shot Conversion Control
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• Three-Level Address Pin
• 14-Pin WSON Package

APPLICATIONS
• Processor/Computer System Thermal
Management (e.g. Laptop, Desktop,
Workstations, Server)
• Electronic Test Equipment
• Office Electronics

KEY SPECIFICATIONS
• Local Temperature Accuracy: ±2.0 °C (max)
• Remote Diode Temperature Accuracy: ±0.875
°C (max)
• Supply Voltage: 3.0 to 3.6 V
• Average Supply Current (1Hz conversion rate):
0.57 mA (typ)

DESCRIPTION
LM95233 is an 11-bit digital temperature sensor with
a 2-wire System Management Bus (SMBus) interface
that can monitor the temperature of two remote
diodes as well as its own temperature. The LM95233
can be used to very accurately monitor the
temperature of up to two external devices such as
microprocessors, graphics processors or diodeSelection
connected 2N3904s. The LM95233's TruTherm™
BJT beta compensation technology allows sensing of
90nm or 65nm process thermal diodes accurately.
The LM95233 reports temperature in two different
formats for +127.875°C/–128°C range and 0°C/255°C
range. The LM95233 TCRIT1, TCRIT2 and TCRIT3
outputs are triggered when any unmasked channel
exceeds its corresponding programmable limit and
can be used to shutdown the system, to turn on the
system fans or as a microcontroller interrupt function.
The current status of the TCRIT1, TCRIT2 and
TCRIT3 pins can be read back from the status
registers. Mask registers are available for further
control of the TCRIT outputs. LM95233's remote
temperature channels have programmable digital
filters to minimize unwanted TCRIT events when
temperature spikes are encountered.
For optimum flexibility and accuracy each LM95233
channel includes, registers for sub-micron process or
2N3904 diode model selection as well as offset
correction. A three level address pin allows
connection of up to 3 LM95233s to the same SMBus
master. The LM95233 includes power saving
functions such as: programmable conversion rate,
shutdown mode, and turn off of unused channels.




Similar Part No. - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233 NSC-LM95233 Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233 TI-LM95233 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233CISD NSC-LM95233CISD Datasheet
496Kb / 5P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Similar Description - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com