Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95241 Datasheet (PDF) - Texas Instruments

LM95241 Datasheet PDF - Texas Instruments
Part # LM95241
Download  LM95241 Download
File Size   753.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95241 Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology (65nm/90nm)

LM95241 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95241 Datasheet PDF - Texas Instruments

Part # LM95241
Download  LM95241 Click to download

File Size   753.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95241 Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology (65nm/90nm)

LM95241 Datasheet (HTML) - Texas Instruments


LM95241 Product details

1FEATURES
2• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Uses TruTherm Technology for Precision
“Thermal Diode” Temperature Measurement
• Thermal Diode Input Stage with Analog
Filtering
• Thermal Diode Digital Filtering
• Intel Processor on 65nm or 90nm Process or
2N3904 Non-Ideality Selection
• Remote Diode Fault Detection
• On-board Local Temperature Sensing
• Remote Temperature Readings Without Digital
Filtering:
– 0.125 °C LSb
– 10-bits Plus Sign or 11-bits Programmable
Resolution
– 11-bits Resolves Temperatures Above
127 °C
• Remote Temperature Readings with Digital
Filtering:
– 0.03125 °C LSb with Filtering
– 12-bits Plus Sign or 13-bits Programmable
Resolution
– 13-bits Resolves Temperatures Above
127 °C
• Local Temperature Readings:
– 0.25 °C
– 9-bits Plus Sign
• Status Register Support
• Programmable Conversion Rate Allows User
Optimization of Power Consumption
• Shutdown Mode One-shot Conversion Control
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-pin VSSOP Package

KEY SPECIFICATIONS
• Remote Diode Temperature Accuracy
– TA = 20°C to 40°C, TD = 45°C to 85°C ±1.25
°C (Max)
– TA = 0°C to 85°C, TD = 25°C to 140°C ±2.5 °C
(Max)
• Local Temperature Accuracy
– TA = 0°C to 85°C ±3.0 °C (Max)
• Supply Voltage 3.0 V to 3.6 V
• Average Supply Current 471 μA (Typ)

APPLICATIONS
• Processor/Computer System Thermal
Management
– (e.g. Laptop, Desktop, Workstations,
Server)
• Electronic Test Equipment
• Office Electronics

DESCRIPTION
The LM95241 is a precision dual remote diode
temperature sensor (RDTS) that uses TI's TruTherm
technology. The 2-wire serial interface of the
LM95241 is compatible with SMBus 2.0. The
LM95241 can sense three temperature zones, it can
measure the temperature of its own die as well as
two diode connected transistors. The LM95241
includes digital filtering and an advanced input stage
that includes analog filtering and TruTherm
technology that reduces processor-to-processor non-
ideality spread. The diode connected transistors can
be a “thermal diode” as found in Intel and AMD
processors or can simply be a diode connected
MMBT3904 transistor. TruTherm technology allows
accurate measurement of “thermal diodes” found on
small geometry processes such as 90nm and 65nm.
The LM95241 supports user selectable thermal diode
non-ideality of either Intel processor on 90nm or
65nm process or 2N3904.




Similar Part No. - LM95241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
Texas Instruments
LM95241 TI-LM95241 Datasheet
1Mb / 30P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
National Semiconductor ...
LM95241CIMM NSC-LM95241CIMM Datasheet
717Kb / 19P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-1 NSC-LM95241CIMM-1 Datasheet
717Kb / 19P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
Texas Instruments
LM95241CIMM-1/NOPB TI-LM95241CIMM-1/NOPB Datasheet
1Mb / 30P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results


Similar Description - LM95241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com