Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96080 Datasheet (PDF) - Texas Instruments

LM96080 Datasheet PDF - Texas Instruments
Part # LM96080
Download  LM96080 Download
File Size   686.04 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96080 System Hardware Monitor with 2-Wire Serial Interface

LM96080 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96080 Datasheet PDF - Texas Instruments

Part # LM96080
Download  LM96080 Click to download

File Size   686.04 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96080 System Hardware Monitor with 2-Wire Serial Interface

LM96080 Datasheet (HTML) - Texas Instruments


LM96080 Product details

1FEATURES
2• Local Temperature Sensing
• 7 Positive Voltage Inputs with 10-bit
Resolution
• 2 Programmable Fan Speed Monitoring Inputs
• 2.5 mV LSb and 2.56V Input Range
• Chassis Intrusion Detector Input
• WATCHDOG Comparison of All Monitored
Values
• Separate Input to Show Status in Interrupt
Status Register of Additional External
Temperature Sensors Such as the LM26/27,
LM56/57, LM73, or LM75
• I2C Serial Bus Interface Compatibility,
Supports Standard Mode, 100 kbits/s, and Fast
Mode, 400 kbits/s
• Shutdown Mode to Minimize Power
Consumption
• Programmable RST_OUT/OS Pin: RST_OUT
Provides a Reset Output; OS Provides an
Interrupt Output Activated by an
Overtemperature Shutdown Event
• Software and Pin Compatible with the LM80

APPLICATIONS
• Communications Infrastructure
• System Thermal and Hardware Monitoring for
Servers
• Electronic Test Equipment and
Instrumentation
• Office Electronics

KEY SPECIFICATIONS
• Total Unadjusted Error ±1 %FS (Max)
• Differential Non-Linearity ±1 Lsb (Max)
• Supply Voltage Range +3.0 V to +5.5 V
• Supply Current (Operating) 0.370 mA Typ
• Supply Current (Shutdown) 0.330 mA Typ
• ADC Resolution 10 Bits
• Temperature Resolution 0.5°C/0.0625°C
• Temperature Accuracy ±3°C (Max)

DESCRIPTION
LM96080, compatible to LM80, is a hardware monitor
that contains a 10-bit delta-sigma ADC capable of
measuring 7 positive voltages and local temperature.
The LM96080 also measures the speed of two fans
and includes other hardware monitoring on an I2C®
interface. The LM96080 includes a sequencer that
performs WATCHDOG window comparisons of all
measured values and its interrupt outputs become
active when any values exceed the programmed
limits.
The LM96080 is especially suited to interface to both
linear and digital temperature sensors. The 2.5 mV
LSb (least significant bit) and 2.56 volt input range is
ideal for accepting inputs from a linear sensor such
as the LM94022. The BTI is used as an input from
either digital or thermostat sensors such as LM73,
LM75, LM56, LM57, LM26, LM27, LM26LV, or other LM96080.
The LM96080 supports Standard Mode (Sm, 100
kbits/s) and Fast Mode (Fm, 400 kbits/s) I2C interface
modes of operation. LM96080 includes an analog
filter on the I2C digital control lines that allows
improved noise immunity and supports TIMEOUT
reset function on SDA and SCL that prevents I2C bus
lockup. Three I2C device address pins allow up to 8
parts on a single bus.
The LM96080's 3.0V to 5.5V supply voltage range,
low supply current, and I2C interface make it ideal for
a wide range of applications. Operation is ensured
over the temperature range of (−40)°C ≤ TA ≤
+125°C. The LM96080 is available in a 24-pin
TSSOP package.




Similar Part No. - LM96080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
National Semiconductor ...
LM96080CIMT-NOPB1 NSC-LM96080CIMT-NOPB1 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT/NOPB TI1-LM96080CIMT/NOPB Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
National Semiconductor ...
LM96080CIMTX-NOPB2 NSC-LM96080CIMTX-NOPB2 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
More results


Similar Description - LM96080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com