Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640QML-SP Datasheet (PDF) - Texas Instruments

LM98640QML-SP Datasheet PDF - Texas Instruments
Part # LM98640QML-SP
Download  LM98640QML-SP Download
File Size   642.16 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output

LM98640QML-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM98640QML-SP Datasheet PDF - Texas Instruments

Part # LM98640QML-SP
Download  LM98640QML-SP Click to download

File Size   642.16 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output

LM98640QML-SP Datasheet (HTML) - Texas Instruments


LM98640QML-SP Product details

1 Features
1• Radiation Hardened
– TID 100 krad(Si)
– Single Event Latch-Up (SEL) Immune to LET =
120 MeV-cm2/mg
– Single Event Functional Interrupt (SEFI) Free
to 120 MeV-cm2/mg
– SMD 5962R1820301VXC
• ADC Resolution: 14-Bit
• ADC Sampling Rate: 5 MSPS to 40 MSPS
• Input Level: 2.85 V
• Supply Voltages 3.3 V and 1.8 V (Nominal)
– 125 mW per Channel at 15 MSPS
– 178 mW per Channel at 40 MSPS
• CDS or S/H Processing for CCD or CIS Sensors
– CDS or S/H Gain 0 dB or 6 dB
• Programmable Analog Gain for Each Channel
– 256 Steps; Range –3 dB to 18 dB
• Programmable Analog Offset Correction
– Fine and Coarse DAC Resolution ±8 Bits
– Fine DAC Range ±5 mV
– Coarse DAC Range ±250 mV
• Programmable Input Clamp Voltage
• Programmable Sample Edge: 1/64th Pixel Period
• INL at 15 MHz: ±3.5 LSB
• Noise Floor: –79 dB
• Crosstalk: –80 dB
• Operating Temp: –55°C to 125°C

2 Applications
• Space Satellites Scientific Applications
– Focal Plane Electronics
– Imaging Attitude Control Systems
– Earth Imaging

3 Description
The LM98640QML-SP is a fully integrated, high
performance 14-Bit, 5-MSPS to 40-MSPS signal
processing solution. The Serial LVDS output format
performs well during single event exposure,
preventing data loss. The LM98640QML-SP has an
adaptive power scaling feature to optimize power
consumption based on the operating frequency and
amount of gain required. High-speed signal
throughput is achieved with an innovative architecture
utilizing Correlated Double Sampling (CDS), typically
employed with CCD arrays, or Sample and Hold
(S/H) inputs (for CIS and CMOS image sensors). The
sampling edges are programmable to a resolution of
1/64th of a pixel period. Both the CDS and S/H have
a programmable gain of either 0 dB or 6 dB. The
signal paths utilize two ±8-bit offset correction DACs
for coarse and fine offset correction, and 8-bit
Programmable Gain Amplifiers (PGA) that can be
programmed independently for each input. The
signals are then routed to two on chip 14-bit 40-MHz
high performance analog-to-digital converters (ADC).
The fully differential processing channel provides
exceptional noise immunity, having a very low noise
floor of –79 dB at 1x gain.




Similar Part No. - LM98640QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
565Kb / 54P
Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results


Similar Description - LM98640QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H5001-SP TI-TPS7H5001-SP Datasheet
3Mb / 58P
TPS7H5001-SP Radiation-Hardness-Assured Si and GaN Dual Output Controller
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com