Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LME49600 Datasheet (PDF) - Texas Instruments

LME49600 Datasheet PDF - Texas Instruments
Part # LME49600
Download  LME49600 Download
File Size   505.0 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49600 High-Performance, High-Fidelity, High-Current Headphone Buffer

LME49600 Datasheet (PDF)

Go To PDF Page Download Datasheet
LME49600 Datasheet PDF - Texas Instruments

Part # LME49600
Download  LME49600 Click to download

File Size   505.0 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49600 High-Performance, High-Fidelity, High-Current Headphone Buffer

LME49600 Datasheet (HTML) - Texas Instruments


LME49600 Product details

1FEATURES
2• Pin-Selectable Bandwidth and Quiescent
Current
• Pure Fidelity, Pure Performance
• Short Circuit Protection
• Thermal Shutdown
• TO–263 Surface-Mount Package

APPLICATIONS
• Headphone Amplifier Output Drive Stage
• Line Drivers
• Low Power Audio Amplifiers
• High-Current Operational Amplifier Output
Stage
• ATE Pin Driver Buffer
• Power Supply Regulator

DESCRIPTION
The LME49600 is a high performance, low distortion
high fidelity 250mA audio buffer. The LME49600 is
designed for a wide range of applications. It can be
used inside the feedback loop of op amps.
The LME49600 offers a pin-selectable bandwidth: a
low current, 110MHz bandwidth mode that consumes
7.3mA and a wide 180MHz bandwidth mode that
consumes 13.2mA. In both modes the LME49600 has
a nominal 2000V/μs slew rate. Bandwidth is easily
adjusted by either leaving the BW pin unconnected or
connecting a resistor between the BW pin and the
VEE pin.
The LME49600 is fully protected through internal
current limit and thermal shutdown.

KEY SPECIFICATIONS
• Low THD+N (VOUT = 3VRMS, f = 1kHz,
Figure 26): 0.00003% (typ)
• Slew Rate: 2000V/μs (typ)
• High Output Current: 250mA (typ)
• Bandwidth
– BW Pin Floating: 110MHz (typ)
– BW Connected to VEE: 180MHz (typ)
• Supply Voltage Range: ±2.25V ≤ VS ≤ ±18V




Similar Part No. - LME49600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
434Kb / 20P
High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
438Kb / 22P
High Performance, High Fidelity, High Current Audio Buffer
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49600TS NSC-LME49600TS Datasheet
415Kb / 20P
High Performance, High Fidelity, High Current Audio Buffer
More results


Similar Description - LME49600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
HIGH FIDELITY HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
HIGH FIDELITY HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
High Performance, High Fidelity, High Current Audio Buffer
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600_14 Datasheet
438Kb / 22P
High Performance, High Fidelity, High Current Audio Buffer
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49610 TI1-LME49610 Datasheet
488Kb / 21P
High Performance, High Fidelity, High Current Audio Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com