Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0002 Datasheet (PDF) - Texas Instruments

LMH0002 Datasheet PDF - Texas Instruments
Part # LMH0002
Download  LMH0002 Download
File Size   540.26 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver

LMH0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0002 Datasheet PDF - Texas Instruments

Part # LMH0002
Download  LMH0002 Click to download

File Size   540.26 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver

LMH0002 Datasheet (HTML) - Texas Instruments


LMH0002 Product details

1FEATURES
2• SMPTE 292M, SMPTE 344M and SMPTE 259M
Compliant
• Supports DVB-ASI at 270 Mbps
• Data Rates to 1.485 Gbps
• Differential Input
• 75Ω Differential Output
• Selectable Slew Rate
• Adjustable Output Amplitude
• Single 3.3V Supply Operation
• Operating Temperature Range: Commercial
0°C to +70°C (LMH0002MA) or Industrial −40°C
to +85°C (LMH0002TMA and LMH0002SQ)
• Typical Power Consumption: 125 mW in SD
Mode and 149 mW in HD Mode
• 8–pin SOIC or 16–pin WQFN Package
• Replaces the GS1528, GS1528A, or GS1578A

APPLICATIONS
• SMPTE 292M, SMPTE 344M, and SMPTE 259M
Serial Digital Interfaces
• Sonet/SDH and ATM Interfaces
• Digital Routers and Switches
• Distribution Amplifiers
• Buffer Applications
• Set Top Boxes
• Security Cameras

DESCRIPTION
The LMH0002 SMPTE 292M / 259M serial digital
cable driver is a monolithic, high-speed cable driver
designed for use in SMPTE 292M / 259M serial
digital video and ITU-T G.703 serial digital data
transmission applications. The LMH0002 drives 75Ω
transmission lines (Belden 8281, Belden 1694A or
equivalent) at data rates up to 1.485 Gbps.
The LMH0002 provides two selectable slew rates for
SMPTE 259M and SMPTE 292M compliance. The
output voltage swing is adjustable via a single
external resistor.
The LMH0002 is powered from a single 3.3V supply.
Power consumption is typically 125 mW in SD mode
and 149 mW in HD mode. The LMH0002 is available
in an 8-pin SOIC or 16-pin WQFN package.




Similar Part No. - LMH0002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002 TI-LMH0002 Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002 Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results


Similar Description - LMH0002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com