Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0030 Datasheet (PDF) - Texas Instruments

LMH0030 Datasheet PDF - Texas Instruments
Part # LMH0030
Download  LMH0030 Download
File Size   436.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver

LMH0030 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0030 Datasheet PDF - Texas Instruments

Part # LMH0030
Download  LMH0030 Click to download

File Size   436.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver

LMH0030 Datasheet (HTML) - Texas Instruments


LMH0030 Product details

1FEATURES
2• SDTV/HDTV Serial Digital Video Standard
Compliant
• Supports 270 Mbps, 360 Mbps, 540 Mbps,
1.4835Gbps and 1.485 Gbps SDV Data Rates
with Auto-Detection
• Low Output Jitter: 125ps max, 85ps typical
• Low Power: Typically 430mW
• No External Serial Data Rate Setting or VCO
Filtering Components Required*
• Fast PLL Lock Time: < 150μs Typical at 1.485
Gbps
• Adjustable Depth Video FIFO for Timing
Alignment
• Built-in Self-Test (BIST) and Video Test Pattern
Generator (TPG)* (1)
• Automatic EDH/CRC Word and Flag
Generation and Insertion
• On-Chip Ancillary Data FIFO and Insertion
Control Circuitry
• Flexible Control and Configuration I/O Port
• LVCMOS Compatible Data and Control Inputs
and Outputs
• 75Ω ECL-Compatible, Differential, Serial Cable-
Driver Outputs
• 3.3V I/O Power Supply and 2.5V Logic Power
Supply Operation
• 64-pin TQFP Package

APPLICATIONS
• SDTV/HDTV Parallel-to-Serial Digital Video
Interfaces for:
– Video Cameras
– VTRs
– Telecines
– Digital Video Routers and Switchers
– Digital Video Processing and Editing
Equipment
– Video Test Pattern Generators and Digital
Video Test Equipment
– Video Signal Generators

DESCRIPTION
The LMH0030 SMPTE 292M/259M Digital Video
Serializer with Ancillary Data FIFO and Integrated
Cable Driver is a monolithic integrated circuit that
encodes, serializes and transmits bit-parallel digital
video data conforming to SMPTE 125M and 267M
standard definition, 10-bit wide component video and
SMPTE 260M, 274M, 295M and 296M high-definition,
20-bit wide component video standards. The
LMH0030 operates at SMPTE 259M serial data rates
of 270 Mbps, 360 Mbps, the SMPTE 344M serial data rate of 540 Mbps, and the SMPTE 292M serial data
rates of 1483.5 and 1.485 Gbps. The serial data clock
frequency is internally generated and requires no
external frequency setting, trimming or filtering
components.




Similar Part No. - LMH0030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
LMH0030VS NSC-LMH0030VS Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030VS NSC-LMH0030VS Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
More results


Similar Description - LMH0030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
SMPTE 259M Digital Video Serializer with Integrated Cable Driver
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com