Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0031 Datasheet (PDF) - Texas Instruments

LMH0031 Datasheet PDF - Texas Instruments
Part # LMH0031
Download  LMH0031 Download
File Size   443.58 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs

LMH0031 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0031 Datasheet PDF - Texas Instruments

Part # LMH0031
Download  LMH0031 Click to download

File Size   443.58 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0031 SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs

LMH0031 Datasheet (HTML) - Texas Instruments


LMH0031 Product details

1FEATURES
2• SDTV/HDTV Serial Digital Video Standard
Compliant
• Supports 270 Mbps, 360 Mbps, 540 Mbps,
1.483 Gbps and 1.485 Gbps Serial Video Data
Rates with Auto-Detection
• LSB De-Dithering Option
• Uses Low-Cost 27MHz Crystal or Clock
Oscillator Reference
• Fast VCO Lock Time: < 500 μs at 1.485 Gbps
• Built-in Self-Test (BIST) and Video Test Pattern
Generator (TPG)
(1) Patent Applications Made or Pending
• Automatic EDH/CRC Word and Flag
Processing
• Ancillary Data FIFO with Extensive Packet
Handling Options
• Adjustable, 4-Deep Parallel Output Video Data
FIFO
• Flexible Control and Configuration I/O Port
• LVCMOS Compatible Control Inputs and Clock
and Data Outputs
• LVDS and ECL-Compatible, Differential, Serial
Inputs
• 3.3V I/O Power Supply and 2.5V Logic Power
Supply Operation
• Low Power: Typically 850mW
• 64-Pin TQFP Package
• Commercial Temperature Range 0°C to +70°C

APPLICATIONS
• SDTV/HDTV Serial-to-Parallel Digital Video
Interfaces for:
– Video Editing Equipment
– VTRs
– Standards Converters
– Digital Video Routers and Switchers
– Digital Video Processing and Editing
Equipment
– Video Test Pattern Generators and Digital
Video Test Equipment
– Video Signal Generators

DESCRIPTION
The LMH0031 SMPTE 292M / 259M Digital Video
Deserializer/Descrambler with Video and Ancillary
Data FIFOs is a monolithic integrated circuit that
deserializes and decodes SMPTE 292M, 1.485Gbps
(or 1.483Gbps) serial component video data, to 20-bit
parallel data with a synchronized parallel word-rate
clock. It also deserializes and decodes SMPTE 259M,
270Mbps, 360Mbps and SMPTE 344M (proposed)
540Mbps serial component video data, to 10-bit
parallel data. Functions performed by the LMH0031
include: clock/data recovery from the serial data,
serial-to-parallel data conversion, SMPTE standard
data decoding, NRZI-to-NRZ conversion, parallel data
clock generation, word framing, CRC and EDH data
checking and handling, Ancillary Data extraction and
automatic video format determination. The parallel
video output features a variable-depth FIFO which
can be adjusted to delay the output data up to 4
parallel data clock periods. Ancillary Data may be
selectively extracted from the parallel data through
the use of masking and control bits in the
configuration and control registers and stored in the
on-chip FIFO. Reverse LSB dithering is also
implemented.




Similar Part No. - LMH0031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
logo
National Semiconductor ...
LMH0031VS NSC-LMH0031VS Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Texas Instruments
LMH0031VS TI1-LMH0031VS Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
LMH0031VS/NOPB TI1-LMH0031VS/NOPB Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Similar Description - LMH0031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com