Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0034 Datasheet (PDF) - Texas Instruments

LMH0034 Datasheet PDF - Texas Instruments
Part # LMH0034
Download  LMH0034 Download
File Size   262.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0034 SMPTE 292M / 259M Adaptive Cable Equalizer

LMH0034 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0034 Datasheet PDF - Texas Instruments

Part # LMH0034
Download  LMH0034 Click to download

File Size   262.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0034 SMPTE 292M / 259M Adaptive Cable Equalizer

LMH0034 Datasheet (HTML) - Texas Instruments


LMH0034 Product details

1FEATURES
2• SMPTE 292M, SMPTE 344M and SMPTE 259M
Compliant
• Supports DVB-ASI at 270 Mbps
• Data Rates: 125 Mbps to 1.485 Gbps
• Equalizes up to 200 Meters of Belden 1694A at
1.485 Gbps or up to 400 Meters of Belden
1694A at 270 Mbps
• Manual Bypass, Cable Length Indicator, and
Output Mute with a Programmable Threshold
• Single-Ended or Differential Input
• 50Ω Differential Outputs
• Single 3.3V Supply Operation
• 208 mW Typical Power Consumption with 3.3V
Supply
• Replaces the GS1524 and GS1524A

APPLICATIONS
• SMPTE 292M, SMPTE 344M, and SMPTE 259M
Serial Digital Interfaces
• Serial Digital Data Equalization and Reception
• Data Recovery Equalization

DESCRIPTION
The LMH0034 SMPTE 292M / 259M adaptive cable
equalizer is a monolithic integrated circuit for
equalizing data transmitted over cable (or any media
with similar dispersive loss characteristics). The
equalizer operates over a wide range of data rates
from 125 Mbps to 1.485 Gbps and supports SMPTE
292M, SMPTE 344M and SMPTE 259M.
The LMH0034 implements DC restoration to correctly
handle pathological data conditions. DC restoration
can be bypassed for low data rate applications. The
equalizer is flexible in allowing either single-ended or
differential input drive.
Additional features include a combined carrier detect
and output mute pin which mutes the output when no
signal is present. A programmable mute reference is
used to mute the output at a selectable level of signal
degradation. A cable length indicator is provided to
determine the amount of cable being equalized.




Similar Part No. - LMH0034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
LMH0034 NSC-LMH0034 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034 Datasheet
296Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034 Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034MA NSC-LMH0034MA Datasheet
491Kb / 7P
Adaptive Cable Equalizer
More results


Similar Description - LMH0034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com