Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0044 Datasheet (PDF) - Texas Instruments

LMH0044 Datasheet PDF - Texas Instruments
Part # LMH0044
Download  LMH0044 Download
File Size   345.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0044 SMPTE 292M / 259M Adaptive Cable Equalizer

LMH0044 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0044 Datasheet PDF - Texas Instruments

Part # LMH0044
Download  LMH0044 Click to download

File Size   345.03 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0044 SMPTE 292M / 259M Adaptive Cable Equalizer

LMH0044 Datasheet (HTML) - Texas Instruments


LMH0044 Product details

1FEATURES
2• SMPTE 292M, SMPTE 344M and SMPTE 259M
Compliant
• Supports DVB-ASI at 270 Mbps
• Data rates: 125 Mbps to 1.485 Gbps
• Equalizes up to 200 Meters of Belden 1694A at
1.485 Gbps or up to 400 meters of Belden
1694A at 270 Mbps
• Manual Bypass and Output Mute with a
Programmable Threshold
• Single-Ended or Differential Input
• 50Ω Differential Outputs
• Single 3.3V Supply Operation
• 208 mW Typical Power Consumption with 3.3V
Supply
• Replaces the GS1574 and GS1574A

APPLICATIONS
• SMPTE 292M, SMPTE 344M, and SMPTE 259M
Serial Digital Interfaces
• Serial Digital Data Equalization and Reception
• Data Recovery Equalization

DESCRIPTION
The LMH0044 SMPTE 292M / 259M adaptive cable
equalizer is a monolithic integrated circuit for
equalizing data transmitted over cable (or any media
with similar dispersive loss characteristics). The
equalizer operates over a wide range of data rates
from 125 Mbps to 1.485 Gbps and supports SMPTE
292M, SMPTE 344M and SMPTE 259M.
The LMH0044 implements DC restoration to correctly
handle pathological data conditions (DC restoration
may be bypassed for low data rate applications). The
equalizer may be driven in either a single ended or
differential configuration.
Additional features include separate carrier detect
and output mute pins which may be tied together to
mute the output when no signal is present. A
programmable mute reference is provided to mute the
output at a selectable level of signal degradation.




Similar Part No. - LMH0044

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
224Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
226Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
254Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044 Datasheet
743Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Similar Description - LMH0044

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com