Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0056 Datasheet (PDF) - Texas Instruments

LMH0056 Datasheet PDF - Texas Instruments
Part # LMH0056
Download  LMH0056 Download
File Size   432.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer

LMH0056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0056 Datasheet PDF - Texas Instruments

Part # LMH0056
Download  LMH0056 Click to download

File Size   432.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer

LMH0056 Datasheet (HTML) - Texas Instruments


LMH0056 Product details

1FEATURES
2• Supports SMPTE 292M and SMPTE 259M (A &
C) Serial Digital Video Standards
• Supports 143 Mbps, 270 Mbps, 1.483 Gbps,
and 1.485 Gbps Serial Data Rate Operation
• Supports DVB-ASI at 270 Mbps
• Single 3.3V Supply Operation
• 360 mW Typical Power Consumption
• Integrated 4:1 Multiplexed Input
• Two Differential, Reclocked Outputs
• Choice of Second Reclocked Output or Low-
Jitter, Differential, Data-Rate Clock Output
• Single 27 MHz External Crystal or Reference
Clock Input
• Manual Rate Select Input
• SD/HD Operating Rate Indicator Output
• Lock Detect Indicator Output
• Output Mute Function for Data and Clock
• Auto/Manual Reclocker Bypass
• Differential LVPECL Compatible Serial Data
Inputs and Outputs
• LVCMOS Control Inputs and Indicator Outputs
• 48-Pin WQFN Package
• Industrial Temperature Range: -40°C to +85°C

APPLICATIONS
• SDTV/HDTV Serial Digital Video Interfaces for:
– Digital Video Routers and Switchers
– Digital Video Processing and Editing
Equipment
– DVB-ASI Equipment
– Video Standards and Format Converters

DESCRIPTION
The LMH0056 HD/SD SDI Reclocker with 4:1 Input
Multiplexer retimes serial digital video data
conforming to the SMPTE 292M and SMPTE 259M
(A & C) standards. The LMH0056 operates at serial
data rates of 143 Mbps, 270 Mbps, 1.483 Gbps and
1.485 Gbps. The LMH0056 supports DVB-ASI
operation at 270 Mbps. The LMH0056 includes an
integrated 4:1 input multiplexer for selecting one of
four input data streams for retiming.
The LMH0056 automatically detects the incoming
data rate and adjusts itself to retime the incoming
data to suppress accumulated jitter. The LMH0056
recovers the serial data-rate clock and optionally
provides it as an output. The LMH0056 has two
differential serial data outputs; the second output may
be selected as a low-jitter, data-rate clock output.
Controls and indicators are: serial clock or second
serial data output select, manual rate select input,
SD/HD rate indicator output, lock detect output, auto/manual data bypass and output mute. The serial
data inputs, outputs, and serial data-rate clock
outputs are differential LVPECL compatible. The CML
serial data and serial data-rate clock outputs are
suitable for driving 100Ω differentially terminated networks. The control logic inputs and outputs are
LVCMOS compatible.
The LMH0056 is powered from a single 3.3V supply.
Power dissipation is typically 360 mW. The device is
housed in a 48-pin WQFN package.




Similar Part No. - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056 Datasheet
325Kb / 16P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
720Kb / 20P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0056SQ NSC-LMH0056SQ Datasheet
613Kb / 13P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results


Similar Description - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
SD/HD SDI Reclocker
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com