Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0074 Datasheet (PDF) - Texas Instruments

LMH0074 Datasheet PDF - Texas Instruments
Part # LMH0074
Download  LMH0074 Download
File Size   343.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer

LMH0074 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0074 Datasheet PDF - Texas Instruments

Part # LMH0074
Download  LMH0074 Click to download

File Size   343.66 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer

LMH0074 Datasheet (HTML) - Texas Instruments


LMH0074 Product details

1FEATURES
2• SMPTE 259M and SMPTE 344M Compliant
• Supports DVB-ASI at 270 Mbps
• Data Rates: 125 Mbps to 540 Mbps
• Equalizes up to 400 Meters of Belden 1694A at
270 Mbps
• Manual Bypass and Output Mute with a
Programmable Threshold
• Single-Ended or Differential Input
• 50Ω Differential Outputs
• Single 3.3V Supply Operation
• Industrial Temperature Range: −40°C to +85°C
• 208mW Typical Power Consumption with 3.3V
Supply
• Footprint Compatible with the LMH0044 and
the GS9074A

APPLICATIONS
• SMPTE 259M and SMPTE 344M Serial Digital
Interfaces
• Serial Digital Data Equalization and Reception
• Data Recovery Equalization

DESCRIPTION
The LMH0074 SMPTE 259M / 344M Adaptive Cable
Equalizer is designed to equalize data transmitted
over cable (or any media with similar dispersive loss
characteristics). The equalizer operates over a wide
range of data rates from 125 Mbps to 540 Mbps and
supports SMPTE 259M and SMPTE 344M.
The LMH0074 implements DC restoration to correctly
handle pathological data conditions. The equalizer
may be driven in either a single ended or differential
configuration.
Additional features include separate carrier detect and output mute pins which may be tied together to
mute the output when no signal is present. A
programmable mute reference is provided to mute the
output at a selectable level of signal degradation.




Similar Part No. - LMH0074

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH0074 INTERSIL-LMH0074 Datasheet
219Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
logo
National Semiconductor ...
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 NSC-LMH0074 Datasheet
167Kb / 6P
Replacing the CLC012 Adaptive Cable Equalizer with the LMH0074
logo
Texas Instruments
LMH0074 TI1-LMH0074 Datasheet
741Kb / 14P
MPTE 259M / 344M Adaptive Cable Equalizer
logo
Intersil Corporation
LMH0074SQ INTERSIL-LMH0074SQ Datasheet
219Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
More results


Similar Description - LMH0074

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024 Datasheet
479Kb / 7P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Intersil Corporation
LMH0074 INTERSIL-LMH0074 Datasheet
219Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
LMH0024 INTERSIL-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
January 3, 2008
logo
National Semiconductor ...
LMH0024 NSC-LMH0024_08 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024_09 Datasheet
284Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0024 TI1-LMH0024 Datasheet
293Kb / 10P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 TI1-LMH0074 Datasheet
741Kb / 14P
MPTE 259M / 344M Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com