Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0202 Datasheet (PDF) - Texas Instruments

LMH0202 Datasheet PDF - Texas Instruments
Part # LMH0202
Download  LMH0202 Download
File Size   311.64 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver

LMH0202 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0202 Datasheet PDF - Texas Instruments

Part # LMH0202
Download  LMH0202 Click to download

File Size   311.64 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver

LMH0202 Datasheet (HTML) - Texas Instruments


LMH0202 Product details

1FEATURES
2• SMPTE 292M, SMPTE 344M and SMPTE 259M
Compliant
• Data Rates to 1.485 Gbps
• Dual Differential Inputs
• Dual 75Ω Differential Outputs
• Two Selectable Slew Rates
• Adjustable Output Amplitude
• Single 3.3V Supply Operation
• Commercial Temperature Range: 0°C to +70°C
• Typical Power Consumption: 250 mW in SD
Mode and 300 mW in HD Mode

APPLICATIONS
• SMPTE 292M, SMPTE 344M, and SMPTE 259M
Serial Digital Interfaces
• DVB-ASI Applications
• Sonet/SDH and ATM Interfaces
• Digital Routers and Switches
• Distribution Amplifiers
• Buffer Applications
• Video Cameras

DESCRIPTION
The LMH0202 Dual SMPTE 292M / 259M serial
digital cable driver is a monolithic, high-speed cable
driver designed for use in SMPTE 292M / 259M serial
digital video and ITU-T G.703 serial digital data
transmission applications. The LMH0202 drives 75Ω
transmission lines (Belden 8281, Belden 1694A or
equivalent) at data rates up to 1.485 Gbps.
The LMH0202 provides two selectable slew rates for
SMPTE 259M and SMPTE 292M compliance. The
output voltage swing is adjustable via a single
external resistor.
The LMH0202 offers the flexibility to implement either
dual differential inputs or a single differential input
(externally routed via PCB) to dual differential
outputs. The latter option provides an ideal solution
for DVB-ASI applications where only the non-inverted outputs are typically used.
The LMH0202 is powered from a single 3.3V supply.
Power consumption is typically 250 mW in SD mode
and 300 mW in HD mode.




Similar Part No. - LMH0202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0202 NSC-LMH0202 Datasheet
504Kb / 6P
Dual SMPTE 202M / 259M Serial Digital Cable Driver
LMH0202 NSC-LMH0202 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0202 TI1-LMH0202 Datasheet
692Kb / 12P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
LMH0202MT NSC-LMH0202MT Datasheet
504Kb / 6P
Dual SMPTE 202M / 259M Serial Digital Cable Driver
LMH0202MT NSC-LMH0202MT Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Similar Description - LMH0202

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202 TI1-LMH0202 Datasheet
692Kb / 12P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com