Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0302 Datasheet (PDF) - Texas Instruments

LMH0302 Datasheet PDF - Texas Instruments
Part # LMH0302
Download  LMH0302 Download
File Size   519.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0302 3-Gbps HD/SD SDI Cable Driver

LMH0302 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0302 Datasheet PDF - Texas Instruments

Part # LMH0302
Download  LMH0302 Click to download

File Size   519.79 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0302 3-Gbps HD/SD SDI Cable Driver

LMH0302 Datasheet (HTML) - Texas Instruments


LMH0302 Product details

1 Features
1• Supports ST 424 (3G), 292 (HD), and 259 (SD)
• Data Rates up to 2.97 Gbps
• Supports DVB-ASI at 270 Mbps
• 100-Ω Differential Input
• 75-Ω Single-Ended Outputs
• Selectable Slew Rate
• Output Driver Power-Down Control
• Single 3.3-V Supply Operation
• Industrial Temperature Range: −40°C to 85°C
• Typical Power Consumption: 125 mW in SD Mode
and 165 mW in HD Mode
• 16-Pin WQFN Package
• Footprint Compatible With the LMH0002SQ
• Replaces the Gennum GS2978

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces
• Digital Video Routers and Switches
• Distribution Amplifiers

3 Description
The LMH0302 3-Gbps HD/SD SDI cable driver is
designed for use in ST 424, ST 292, ST 344, and ST
259 serial digital video applications. The LMH0302
drives 75-Ω transmission lines (Belden 1694A,
Belden 8281, or equivalent) at data rates up to
2.97 Gbps.
The LMH0302 provides two selectable slew rates for
ST 259 and ST 424 or 292 compliance. The output
driver may be powered down through the output
driver enable pin.
The LMH0302 is powered from a single 3.3-V supply.
Power consumption is typically 125 mW in SD mode
and 165 mW in HD mode. The LMH0302 is available
in a 16-pin WQFN package.




Similar Part No. - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302SQ NSC-LMH0302SQ Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
More results


Similar Description - LMH0302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com