Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0303 Datasheet (PDF) - Texas Instruments

LMH0303 Datasheet PDF - Texas Instruments
Part # LMH0303
Download  LMH0303 Download
File Size   551.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0303 3-Gbps HD/SD SDI Cable Driver With Cable Detect

LMH0303 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0303 Datasheet PDF - Texas Instruments

Part # LMH0303
Download  LMH0303 Click to download

File Size   551.53 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0303 3-Gbps HD/SD SDI Cable Driver With Cable Detect

LMH0303 Datasheet (HTML) - Texas Instruments


LMH0303 Product details

1 Features
1• Supports ST 424 (3G), 292 (HD), and 259 (SD)
• Data Rates up to 2.97 Gbps
• Supports DVB-ASI at 270 Mbps
• Cable Detect on Output
• Loss of Signal Detect at Input
• Output Driver Power-Down Control
• Typical Power Consumption: 130 mW in SD Mode
and 155 mW in HD Mode
• Typical Power Consumption of the Power-Save
Mode: 4 mW
• Single 3.3-V Supply Operation
• 75-Ω Single-Ended Outputs
• 100-Ω Differential Input
• Selectable Slew Rate
• Industrial Temperature Range: −40°C to 85°C
• 16-Pin WQFN Package
• Footprint Compatible With the LMH0302

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces
• Digital Video Routers and Switches
• Distribution Amplifiers

3 Description
The LMH0303 device is designed for use in ST 424,
ST 292, ST 344, and ST 259 serial digital video
applications. The LMH0303 drives 75-Ω transmission
lines (Belden 1694A, Belden 8281, or equivalent) at
data rates up to 2.97 Gbps.
The LMH0303 includes intelligent sensing capabilities
to improve system diagnostics. The cable detect
feature senses near-end termination to determine if a
cable is correctly attached to the output BNC. Input
loss of signal (LOS) detects the presence of a valid
signal at the input of the cable driver. These sensing
features may be used to alert the user of a system
fault and activate a deep power-save mode, reducing
the power consumption of the cable driver to 4 mW.
These features are accessible through an SMBus
interface.
The LMH0303 provides two selectable slew rates for
ST 259 and ST 424 or 292. The output amplitude is
adjustable ±10% in 5-mV steps through the SMBus.
The LMH0303 is powered from a single 3.3-V supply.
Power consumption is typically 130 mW in SD mode
and 155 mW in HD mode. The LMH0303 is available
in a 16-pin WQFN package.




Similar Part No. - LMH0303

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303SQ/NOPB TI1-LMH0303SQ/NOPB Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303SQE/NOPB TI1-LMH0303SQE/NOPB Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Similar Description - LMH0303

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0307 TI1-LMH0307 Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com