Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0307 Datasheet (PDF) - Texas Instruments

LMH0307 Datasheet PDF - Texas Instruments
Part # LMH0307
Download  LMH0307 Download
File Size   446.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect

LMH0307 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0307 Datasheet PDF - Texas Instruments

Part # LMH0307
Download  LMH0307 Click to download

File Size   446.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect

LMH0307 Datasheet (HTML) - Texas Instruments


LMH0307 Product details

1FEATURES
2• SMPTE 424M, SMPTE 292M, SMPTE 344M, and
SMPTE 259M Compliant
• Data Rates to 2.97 Gbps
• Supports DVB-ASI at 270 Mbps
• Cable Detect on Output
• Loss of Signal Detect at Input
• Output Driver Power Down Control
• Typical Power Consumption: 230 mW in SD
Mode and 275 mW in HD Mode
• Power Save Mode Typical Power
Consumption: 4 mW
• Single 3.3V Supply Operation
• Differential Input
• Dual Complementary 75Ω Outputs
• Selectable Slew Rate
• Industrial Temperature Range: −40°C to +85°C
• 16-Pin WQFN or 25-Ball CS-BGA package

APPLICATIONS
• SMPTE 424M, SMPTE 292M, SMPTE 344M, and
SMPTE 259M Serial Digital Interfaces
• Digital Video Routers and Switches
• Distribution Amplifiers

DESCRIPTION
The LMH0307 3 Gbps HD/SD SDI Dual Output Cable
Driver with Cable Detect is designed for use in
SMPTE 424M, SMPTE 292M, SMPTE 344M, and
SMPTE 259M serial digital video applications. The
LMH0307 implements two complementary output
drivers and drives 75Ω transmission lines (Belden
1694A, Belden 8281, or equivalent) at data rates up
to 2.97 Gbps.
The LMH0307 includes intelligent sensing capabilities
to improve system diagnostics. The cable detect
feature senses near-end termination to determine if a
cable is correctly attached to the output BNC. Input
loss of signal (LOS) detects the presence of a valid
signal at the input of the cable driver. These sensing
features may be used to alert the user of a system
fault and activate a deep power save mode, reducing
the cable driver's power consumption to 4 mW. These
features are accessible via an SMBus interface.
The LMH0307 provides two selectable slew rates for
SMPTE 259M and SMPTE 424M / 292M compliance.
The output amplitude is adjustable ±10% in 5 mV
steps via the SMBus.
The LMH0307 is powered from a single 3.3V supply.
Power consumption is typically 230 mW in SD mode
and 275 mW in HD mode. The LMH0307 is available
in two space-saving packages: a 4 x 4 mm 16-pin
WQFN and even more space-efficient 3 x 3 mm 25-
ball CS-BGA package.




Similar Part No. - LMH0307

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
Texas Instruments
LMH0307 TI1-LMH0307 Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
LMH0307GRE/NOPB TI1-LMH0307GRE/NOPB Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
LMH0307SQ/NOPB TI1-LMH0307SQ/NOPB Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
LMH0307SQE/NOPB TI1-LMH0307SQE/NOPB Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
More results


Similar Description - LMH0307

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
3 Gbps HD/SD SDI Cable Driver with Cable Detect
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0307 TI1-LMH0307 Datasheet
838Kb / 23P
3 Gbps HD/SD SDI Dual Output Cable Driver With Cable Detect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com