Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55C Datasheet (PDF) - TT Electronics.

BZX55C Datasheet PDF - TT Electronics.
Part # BZX55C
Download  BZX55C Download
File Size   321.61 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description VOLTAGE REGULATOR DIODE

BZX55C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55C Datasheet PDF - TT Electronics.

Part # BZX55C
Download  BZX55C Click to download

File Size   321.61 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description VOLTAGE REGULATOR DIODE

BZX55C Datasheet (HTML) - TT Electronics.


BZX55C Product details

Features:
• Voltage Range of 2.4V to 75V
• Hermetic Ceramic Surface Mount Package (LCC1)
• Screening Options Available




Similar Part No. - BZX55C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Formosa MS
BZX55C FORMOSA-BZX55C Datasheet
127Kb / 5P
Zener diode
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
More results


Similar Description - BZX55C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV37 PHILIPS-BZV37 Datasheet
24Kb / 4P
Bidirectional voltage regulator diode
1996 Apr 26
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
logo
Microsemi Corporation
1N3506A MICROSEMI-1N3506A Datasheet
122Kb / 2P
ZENER VOLTAGE REGULATOR DIODE
logo
New Jersey Semi-Conduct...
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
ZENER VOLTAGE REGULATOR DIODE
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
Zener Voltage Regulator Diode
logo
Microsemi Corporation
1N705A MICROSEMI-1N705A Datasheet
135Kb / 1P
Zener Voltage Regulator Diode
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
ZENER VOLTAGE REGULATOR DIODE
logo
Nexperia B.V. All right...
BZX884D-B10 NEXPERIA-BZX884D-B10 Datasheet
168Kb / 10P
Voltage regulator diode
BZX884D-C12 NEXPERIA-BZX884D-C12 Datasheet
169Kb / 10P
Voltage regulator diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com