Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBS Datasheet (PDF) - TT Electronics.

PBS Datasheet PDF - TT Electronics.
Part # PBS
Download  PBS Download
File Size   299.0 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Electronic Pressure Switch

PBS Datasheet (PDF)

Go To PDF Page Download Datasheet
PBS Datasheet PDF - TT Electronics.

Part # PBS
Download  PBS Click to download

File Size   299.0 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Electronic Pressure Switch

PBS Datasheet (HTML) - TT Electronics.


PBS Product details

Description:
The PBS is an electronic pressure switch, pressure transmitter and display in one. It is available with up to two switching output, analog output and IO-Link in a single device.
Its intuitive configuration via three large pushbuttons and display facilitates operation. The housing can be rotated in two ways. This means that the display and electrical connection can be aligned to match the specific installation situation.
The PBS can be utilized in a wide range of applications due to its gauge pressure measuring ranges between 0 bar - 1 bar and 0 bar - 600 bar. In addition, absolute pressure and compound measuring ranges are available.
The PBS features a fully welded stainless steel membrane, making it suitable for use with a host of corrosive media. Numerous standard process connections make adapters redundant in most cases. In addition, a flush-mounted membrane is available for pressure measurement in heterogeneous liquids.
Applications:
 Monitoring cooling lubricant
 Measuring pressure, level, and temperature in machine hydraulics
 Monitoring of cylinder end position and press travel
 Monitoring of press force
Features:
 Electronic pressure switch with display for monitoring pressure in liquids and gases
 Precise sensor technology with stainless steel membrane
 United of pressure value in display can be switched
 Min/max memory
 Password protection




Similar Part No. - PBS

ManufacturerPart #DatasheetDescription
logo
Box enclosures
PBS-107 BOX-PBS-107 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-109 BOX-PBS-109 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-209 BOX-PBS-209 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-307 BOX-PBS-307 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
PBS-309 BOX-PBS-309 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
More results


Similar Description - PBS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
OEMEPS10-50-2 SENSORTECHNICS-OEMEPS10-50-2 Datasheet
78Kb / 4P
Miniature electronic pressure controllers
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
Electronic pressure controllers
logo
List of Unclassifed Man...
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS91 COPAL-PS91 Datasheet
1Mb / 3P
Electronic pressure switch
logo
TT Electronics.
PAC50 TTELEC-PAC50 Datasheet
300Kb / 1P
Electronic pressure switch for pneumatic applications
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com