Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOIC-C Datasheet (PDF) - TT Electronics.

SOIC-C Datasheet PDF - TT Electronics.
Part # SOIC-C
Download  SOIC-C Download
File Size   490.6 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description SOIC Thin Film on Ceramic Resistor Networks

SOIC-C Datasheet (PDF)

Go To PDF Page Download Datasheet
SOIC-C Datasheet PDF - TT Electronics.

Part # SOIC-C
Download  SOIC-C Click to download

File Size   490.6 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description SOIC Thin Film on Ceramic Resistor Networks

SOIC-C Datasheet (HTML) - TT Electronics.


SOIC-C Product details

Features:
• Precision ratio tolerances to ±0.05%
• Tracking TCR to ±5ppm/°C
• Tested for COTS applications
• Both narrow and wide body versions available
• Standard JEDEC 8, 14, 16 & 20 pin packages
• Ultra-stable TaN resistors on ceramic substrates
• Lower crosstalk than silicon substrate types




Similar Part No. - SOIC-C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SOIC-14PIN IRF-SOIC-14PIN Datasheet
18Kb / 1P
14-Pin Surface Mount, Narrow Body
logo
Fairchild Semiconductor
SOIC-4 FAIRCHILD-SOIC-4 Datasheet
21Kb / 1P
SOIC-4 Package Dimensions
logo
List of Unclassifed Man...
SOIC-8 ETC-SOIC-8 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
SOIC-8 ETC-SOIC-8 Datasheet
234Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Alpha & Omega Semicondu...
SOIC-8 AOSMD-SOIC-8 Datasheet
38Kb / 1P
ALL DIMENSIONS ARE IN MILLMETERS.
More results


Similar Description - SOIC-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
SQS24H01FS13 BITECH-SQS24H01FS13 Datasheet
51Kb / 3P
HSTL Termination Circuit Thin Film Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
Surface Mount SOIC Resistor Networks
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
logo
Vishay Siliconix
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com